Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7789V2 Datasheet(PDF) 17 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 17 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 319 page
background image
ST7789V2
Version 1.0
Page 17 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
3.3
Alignment Mark Dimension
Alignment Mark : A1(X,Y)=(-7480,251.58)
30
30
30
30
30
30
20
20
10
10
10
10
Alignment Mark : A2(X,Y)=(+7480,251.58)
30
30
30
30
30
30
20
20
10
10
10
10
3.4
Chip Information
Chip size
15155µm x698µm
Chip thickness
300µm
Pad Location
Pad center
Coordinate Origin
Chip center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com