Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7789V2 Datasheet(PDF) 72 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 72 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 319 page
background image
ST7789V2
Version 1.0
Page 72 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.8.4
8-bit data bus for 18-bit/pixel (RGB-6-6-6-bit input), 262K-Colors, 3Ah=”06h”
There is 1pixel (3 sub-pixels) per 3-bytes.
R1, Bit 4
0
R1, Bit 3
0
R1, Bit 2
1
R1, Bit 1
0
R1, Bit 0
1
R1, Bit 5
1
-
-
0
-
-
0
8080-series control pins
RESX
CSX
D/CX
“1”
WRX
RDX
“1”
D7
D6
D5
D4
D3
D2
D1
D0
Pixel n
Pixel n+1
18 bits
18 bits
R1
G1
B1
R2
G2
B2
R3
G3
B3
Frame memory
-
-
-
-
G1, Bit 4
G1, Bit 3
G1, Bit 2
G1, Bit 1
G1, Bit 0
G1, Bit 5
B1, Bit 4
B1, Bit 3
B1, Bit 2
B1, Bit 1
B1, Bit 0
B1, Bit 5
R2, Bit 4
R2, Bit 3
R2, Bit 2
R2, Bit 1
R2, Bit 0
R2, Bit 5
Note 1: The data order is as follows, MSB=D7, LSB=D0 and picture data is MSB=Bit 5, LSB=Bit 0 for Red, Green and Blue data.
Note 2: 3-times transfer is used to transmit 1 pixel data with the 18-bit color depth information.
Note 3: ‘-‘ = Don’t care – Can be set to ‘0’ or ‘1’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com