Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7789V2 Datasheet(PDF) 56 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 56 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 319 page
background image
ST7789V2
Version 1.0
Page 56 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
DCX
Clock signal
SDA
Serial input data
SDO
Serial output data
Table 14 pin description of serial interface
8.4.2
Command write mode
The write mode of the interface means the micro controller writes commands and data to the LCD driver.
3-lines serial data packet contains a control bit D/CX and a transmission byte. In 4-lines serial interface, data
packet contains just transmission byte and control bit D/CX is transferred by the D/CX pin. If D/CX is “low”, the
transmission byte is interpreted as a command byte. If D/CX is “high”, the transmission byte is stored in the
display data RAM (memory write command), or command register as parameter.
Any instruction can be sent in any order to the driver. The MSB is transmitted first. The serial interface is
initialized when CSX is high. In this state, SCL clock pulse or SDA data have no effect. A falling edge on CSX
enables the serial interface and indicates the start of data transmission.
Figure 12 Serial interface data stream format
When CSX is “high”, SCL clock is ignored. During the high period of CSX the serial interface is initialized.
At the falling edge of CSX, SCL can be high or low. SDA is sampled at the rising edge of SCL. D/CX indicates
whether the byte is command (D/CX=’0’) or parameter/RAM data (D/CX=’1’). D/CX is sampled when first
rising edge of SCL (3-line serial interface) or 8th rising edge of SCL (4-line serial interface). If CSX stays low
after the last bit of command/data byte, the serial interface expects the D/CX bit (3-line serial interface) or D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com