Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7789V2 Datasheet(PDF) 41 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 41 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 319 page
background image
ST7789V2
Version 1.0
Page 41 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
7.4
AC Characteristics
7.4.1
8080 Series MCU Parallel Interface Characteristics: 18/16/9/8-bit Bus
Figure 1 Parallel Interface Timing Characteristics (8080-Series MCU Interface)
VDDI=1.65 to 3.3V, VDD=2.4 to 3.3V, AGND=DGND=0V, Ta=25
℃
Signal
Symbol
Parameter
Min
Max
Unit
Description
D/CX
TAST
Address setup time
0
ns
-
TAHT
Address hold time (Write/Read)
10
ns
CSX
TCHW
Chip select “H” pulse width
0
ns
-
TCS
Chip select setup time (Write)
15
ns
TRCS
Chip select setup time (Read ID)
45
ns
TRCSFM
Chip select setup time (Read FM)
355
ns
TCSF
Chip select wait time (Write/Read)
10
ns
TCSH
Chip select hold time
10
ns
WRX
TWC
Write cycle
66
ns
TWRH
Control pulse “H” duration
15
ns
TWRL
Control pulse “L” duration
15
ns
RDX (ID)
TRC
Read cycle (ID)
160
ns
When read ID data
TRDH
Control pulse “H” duration (ID)
90
ns
TRDL
Control pulse “L” duration (ID)
45
ns
RDX
(FM)
TRCFM
Read cycle (FM)
450
ns
When read from
frame memory
TRDHFM
Control pulse “H” duration (FM)
90
ns
TRDLFM
Control pulse “L” duration (FM)
355
ns
D[17:0]
TDST
Data setup time
10
ns
For CL=30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com