Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45GS Datasheet(PDF) 23 Page - Nexperia B.V. All rights reserved

Part # 74LVC2T45GS
Description  Dual supply translating transceiver; 3-state
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2T45GS Datasheet(HTML) 23 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2T45GS Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 21Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 22Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 23Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 24Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 25Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 26Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 27Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Nexperia
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
13. Application information
13.1. Unidirectional logic level-shifting application
The circuit given in Fig. 14 is an example of the 74LVC2T45; 74LVCH2T45 being used in a
unidirectional logic level-shifting application.
001aai931
system-1
VCC(A)
1A
2A
GND
1
2
3
4
8
7
6
5
VCC(B)
1B
2B
DIR
74LVC2T45
74LVCH2T45
VCC1
VCC1
VCC2
VCC2
VCC1
VCC2
system-2
Fig. 14. Unidirectional logic level-shifting application
Table 16. Description of unidirectional logic level-shifting application
Pin
Name
Function
Description
1
VCC(A)
VCC1
supply voltage of system-1 (1.2 V to 5.5 V)
2
1A
OUT
output level depends on VCC1 voltage
3
2A
OUT
output level depends on VCC1 voltage
4
GND
GND
device GND
5
DIR
DIR
the GND (LOW level) determines B port to A port
direction
6
2B
IN
input threshold value depends on VCC2 voltage
7
1B
IN
input threshold value depends on VCC2 voltage
8
VCC(B)
VCC2
supply voltage of system-2 (1.2 V to 5.5 V)
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 12 — 1 March 2023
23 / 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com