Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45GS Datasheet(PDF) 15 Page - Nexperia B.V. All rights reserved

Part # 74LVC2T45GS
Description  Dual supply translating transceiver; 3-state
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2T45GS Datasheet(HTML) 15 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2T45GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 19Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Nexperia
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
11.1. Waveforms and test circuit
001aaj644
nA, nB input
nB, nA output
tPLH
tPHL
GND
VI
VOH
VM
VM
VOL
Measurement points are given in Table 14.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 5. The data input (A, B) to output (B, A) propagation delay times
001aae968
tPZL
tPZH
tPHZ
tPLZ
GND
GND
VI
VCCO
VOL
VOH
VM
VM
VM
VX
VY
outputs
disabled
outputs
enabled
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
DIR input
Measurement points are given in Table 14.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 6. Enable and disable times
Table 14. Measurement points
Supply voltage
Input [1]
Output [2]
VCC(A), VCC(B)
VM
VM
VX
VY
1.2 V to 1.6 V
0.5VCCI
0.5VCCO
VOL + 0.1 V
VOH - 0.1 V
1.65 V to 2.7 V
0.5VCCI
0.5VCCO
VOL + 0.15 V
VOH - 0.15 V
3.0 V to 5.5 V
0.5VCCI
0.5VCCO
VOL + 0.3 V
VOH - 0.3 V
[1] VCCI is the supply voltage associated with the data input port.
[2] VCCO is the supply voltage associated with the output port.
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 12 — 1 March 2023
15 / 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com