Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45GS Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74LVC2T45GS
Description  Dual supply translating transceiver; 3-state
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2T45GS Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2T45GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Nexperia
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
10. Static characteristics
Table 7. Typical static characteristics at Tamb = 25 °C
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max Unit
VOH
HIGH-level output voltage
VI = VIH or VIL; IO = -3 mA; VCCO = 1.2 V
[1]
-
1.09
-
V
VOL
LOW-level output voltage
VI = VIH or VIL; IO = 3 mA; VCCO = 1.2 V
[1]
-
0.07
-
V
II
input leakage current
DIR input; VI = 0 V to 5.5 V;
VCCI = 1.2 V to 5.5 V
[2]
-
-
±1
μA
IBHL
bus hold LOW current
A or B port; VI = 0.42 V; VCCI = 1.2 V
[2]
-
19
-
μA
IBHH
bus hold HIGH current
A or B port; VI = 0.78 V; VCCI = 1.2 V
[2]
-
-19
-
μA
IBHLO
bus hold LOW overdrive current A or B port; VCCI = 1.2 V
[2][3]
-
19
-
μA
IBHHO
bus hold HIGH overdrive current A or B port; VCCI = 1.2 V
[2][3]
-
-19
-
μA
IOZ
OFF-state output current
A or B port; VO = 0 V or VCCO;
VCCO = 1.2 V to 5.5 V
[1]
-
-
±1
μA
A port; VI or VO = 0 V to 5.5 V;
VCC(A) = 0 V; VCC(B) = 1.2 V to 5.5 V
-
-
±1
μA
IOFF
power-off leakage current
B port; VI or VO = 0 V to 5.5 V;
VCC(B) = 0 V; VCC(A) = 1.2 V to 5.5 V
-
-
±1
μA
CI
input capacitance
DIR input; VI = 0 V or 3.3 V;
VCC(A) = VCC(B) = 3.3 V
-
2.2
-
pF
CI/O
input/output capacitance
A and B port; suspend mode;
VO = 3.3 V or 0 V; VCC(A) = VCC(B) = 3.3 V
-
6.0
-
pF
[1] VCCO is the supply voltage associated with the output port.
[2] VCCI is the supply voltage associated with the data input port.
[3] To guarantee the node switches, an external driver must source/sink at least IBHLO/IBHHO when the input is in the range VIL to VIH.
Table 8. Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Max
Min
Max
Unit
data input
[1]
VCCI = 1.2 V
0.8VCCI
-
0.8VCCI
-
V
VCCI = 1.4 V to 1.95 V
0.65VCCI
-
0.65VCCI
-
V
VCCI = 2.3 V to 2.7 V
1.7
-
1.7
-
V
VCCI = 3.0 V to 3.6 V
2.0
-
2.0
-
V
VCCI = 4.5 V to 5.5 V
0.7VCCI
-
0.7VCCI
-
V
DIR input
VCCI = 1.2 V
0.8VCC(A)
-
0.8VCC(A)
-
V
VCCI = 1.4 V to 1.95 V
0.65VCC(A)
-
0.65VCC(A)
-
V
VCCI = 2.3 V to 2.7 V
1.7
-
1.7
-
V
VCCI = 3.0 V to 3.6 V
2.0
-
2.0
-
V
VIH
HIGH-level
input voltage
VCCI = 4.5 V to 5.5 V
0.7VCC(A)
-
0.7VCC(A)
-
V
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 12 — 1 March 2023
6 / 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com