Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45GS Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74LVC2T45GS
Description  Dual supply translating transceiver; 3-state
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2T45GS Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2T45GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Nexperia
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
Table 11. Typical power dissipation capacitance at VCC(A) = VCC(B) and Tamb = 25 °C
Voltages are referenced to GND (ground = 0 V).
VCC(A) and VCC(B)
Symbol Parameter
Conditions
1.8 V
2.5 V
3.3 V
5.0 V
Unit
A port: (direction A to B);
B port: (direction B to A)
2
3
3
4
pF
CPD
power dissipation
capacitance[1] [2]
A port: (direction B to A);
B port: (direction A to B)
15
16
16
18
pF
[1] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC 2 × fi × N + Σ(CL × VCC 2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL × VCC 2 × fo) = sum of the outputs.
[2] fi = 10 MHz; VI = GND to VCC; tr = tf = 1 ns; CL = 0 pF; RL = ∞ Ω.
Table 12. Dynamic characteristics for temperature range -40 °C to +85 °C
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 7; for waveforms see Fig. 5 and Fig. 6.
VCC(B)
1.5 V ± 0.1 V 1.8 V ± 0.15 V 2.5 V ± 0.2 V 3.3 V ± 0.3 V 5.0 V ± 0.5 V
Symbol Parameter
Conditions
Min Max
Min
Max
Min Max Min Max Min Max
Unit
VCC(A) = 1.4 V to 1.6 V
A to B
2.8
21.3
2.4
17.6
2.0
13.5
1.7
11.8
1.6
10.5 ns
tPLH
LOW to HIGH
propagation delay
B to A
2.8
21.3
2.6
19.1
2.3
14.9
2.3
12.4
2.2
12.0 ns
A to B
2.6
19.3
2.2
15.3
1.8
11.8
1.7
10.9
1.7
10.8 ns
tPHL
HIGH to LOW
propagation delay
B to A
2.6
19.3
2.4
17.3
2.3
13.2
2.2
11.3
2.3
11.0 ns
DIR to A
3.0
18.7
3.0
18.7
3.0
18.7
3.0
18.7
3.0
18.7 ns
tPHZ
HIGH to OFF-state
propagation delay
DIR to B
3.5
24.8
3.5
23.6
3.0
11.0
3.3
11.3
2.8
10.3 ns
DIR to A
2.4
11.4
2.4
11.4
2.4
11.4
2.4
11.4
2.4
11.4 ns
tPLZ
LOW to OFF-state
propagation delay
DIR to B
2.8
18.3
3.0
17.2
2.5
9.4
3.0
10.1
2.5
9.4 ns
DIR to A [1]
-
39.6
-
36.3
-
24.3
-
22.5
-
21.4 ns
tPZH
OFF-state to HIGH
propagation delay
DIR to B [1]
-
32.7
-
29.0
-
24.9
-
23.2
-
21.9 ns
DIR to A [1]
-
44.1
-
40.9
-
24.2
-
22.6
-
21.3 ns
tPZL
OFF-state to LOW
propagation delay
DIR to B [1]
-
38.0
-
34.0
-
30.5
-
29.6
-
29.5 ns
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 12 — 1 March 2023
10 / 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com