Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45GS Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74LVC2T45GS
Description  Dual supply translating transceiver; 3-state
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2T45GS Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2T45GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Nexperia
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Max
Min
Max
Unit
A or B port
[1][3]
VCCI = 1.6 V
125
-
125
-
μA
VCCI = 1.95 V
200
-
200
-
μA
VCCI = 2.7 V
300
-
300
-
μA
VCCI = 3.6 V
500
-
500
-
μA
IBHLO
bus hold LOW
overdrive
current
VCCI = 5.5 V
900
-
900
-
μA
A or B port
[1][3]
VCCI = 1.6 V
-125
-
-125
-
μA
VCCI = 1.95 V
-200
-
-200
-
μA
VCCI = 2.7 V
-300
-
-300
-
μA
VCCI = 3.6 V
-500
-
-500
-
μA
IBHHO
bus hold HIGH
overdrive
current
VCCI = 5.5 V
-900
-
-900
-
μA
IOZ
OFF-state
output current
A or B port; VO = 0 V or VCCO;
VCCO = 1.2 V to 5.5 V
[2]
-
±2
-
±10
μA
A port; VI or VO = 0 V to 5.5 V;
VCC(A) = 0 V; VCC(B) = 1.2 V to 5.5 V
-
±2
-
±10
μA
IOFF
power-off
leakage current
B port; VI or VO = 0 V to 5.5 V;
VCC(B) = 0 V; VCC(A) = 1.2 V to 5.5 V
-
±2
-
±10
μA
A port; VI = 0 V or VCCI; IO = 0 A
[1]
VCC(A), VCC(B) = 1.2 V to 5.5 V
-
8
-
8
μA
VCC(A), VCC(B) = 1.65 V to 5.5 V
-
3
-
3
μA
VCC(A) = 5.5 V; VCC(B) = 0 V
-
2
-
2
μA
VCC(A) = 0 V; VCC(B) = 5.5 V
-2
-
-2
-
μA
B port; VI = 0 V or VCCI; IO = 0 A
VCC(A), VCC(B) = 1.2 V to 5.5 V
-
8
-
8
μA
VCC(A), VCC(B) = 1.65 V to 5.5 V
-
3
-
3
μA
VCC(B) = 0 V; VCC(A) = 5.5 V
-2
-
-2
-
μA
VCC(B) = 5.5 V; VCC(A) = 0 V
-
2
-
2
μA
A plus B port (ICC(A) + ICC(B));
IO = 0 A; VI = 0 V or VCCI
VCC(A), VCC(B) = 1.2 V to 5.5 V
-
16
-
16
μA
ICC
supply current
VCC(A), VCC(B) = 1.65 V to 5.5 V
-
4
-
4
μA
per input;
VCC(A), VCC(B) = 3.0 V to 5.5 V
A port; A port at VCC(A) - 0.6 V;
DIR at VCC(A); B port = open
[4]
-
50
-
75
μA
DIR input; DIR at VCC(A) - 0.6 V;
A port at VCC(A) or GND;
B port = open
-
50
-
75
μA
ΔICC
additional
supply current
B port; B port at VCC(B) - 0.6 V;
DIR at GND; A port = open
[4]
-
50
-
75
μA
[1] VCCI is the supply voltage associated with the data input port.
[2] VCCO is the supply voltage associated with the output port.
[3] To guarantee the node switches, an external driver must source/sink at least IBHLO/IBHHO when the input is in the range VIL to VIH.
[4] For non bus hold parts only (74LVC2T45).
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 12 — 1 March 2023
8 / 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com