Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45GS Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # 74LVC2T45GS
Description  Dual supply translating transceiver; 3-state
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2T45GS Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2T45GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2T45GS Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Nexperia
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
VCC(B)
1.5 V ± 0.1 V 1.8 V ± 0.15 V 2.5 V ± 0.2 V 3.3 V ± 0.3 V 5.0 V ± 0.5 V
Symbol Parameter
Conditions
Min Max
Min
Max
Min Max Min Max Min Max
Unit
VCC(A) = 4.5 V to 5.5 V
A to B
2.2
16.6
1.9
15.1
1.0
7.5
0.7
5.4
0.5
3.9 ns
tPLH
LOW to HIGH
propagation delay
B to A
1.6
10.5
1.4
6.8
1.0
4.8
0.7
4.4
0.5
3.9 ns
A to B
2.3
15.3
1.8
12.2
1.0
6.2
0.7
4.5
0.5
3.5 ns
tPHL
HIGH to LOW
propagation delay
B to A
1.7
10.8
1.7
7.0
0.9
4.6
0.7
4.0
0.5
3.5 ns
DIR to A
1.7
5.4
1.7
5.4
1.7
5.4
1.7
5.4
1.7
5.4 ns
tPHZ
HIGH to OFF-state
propagation delay
DIR to B
2.9
17.3
2.9
16.1
2.3
9.7
2.7
8.0
2.5
5.7 ns
DIR to A
1.4
3.7
1.4
3.7
1.3
3.7
1.0
3.7
0.9
3.7 ns
tPLZ
LOW to OFF-state
propagation delay
DIR to B
2.3
13.1
2.4
12.1
1.9
7.4
2.3
7.0
1.8
4.5 ns
DIR to A [1]
-
23.6
-
18.9
-
12.2
-
11.4
-
8.4 ns
tPZH
OFF-state to HIGH
propagation delay
DIR to B [1]
-
20.3
-
18.8
-
11.2
-
9.1
-
7.6 ns
DIR to A [1]
-
28.1
-
23.1
-
14.3
-
12.0
-
9.2 ns
tPZL
OFF-state to LOW
propagation delay
DIR to B [1]
-
20.7
-
17.6
-
11.6
-
9.9
-
8.9 ns
[1] tPZH and tPZL are calculated values using the formula shown in Section 13.4.
Table 13. Dynamic characteristics for temperature range -40 °C to +125 °C
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 7; for waveforms see Fig. 5 and Fig. 6.
VCC(B)
1.5 V ± 0.1 V 1.8 V ± 0.15 V 2.5 V ± 0.2 V 3.3 V ± 0.3 V 5.0 V ± 0.5 V
Symbol Parameter
Conditions
Min Max
Min
Max
Min Max Min Max Min Max
Unit
VCC(A) = 1.4 V to 1.6 V
A to B
2.5
23.5
2.1
19.4
1.8
14.9
1.5
13.0
1.4
11.6 ns
tPLH
LOW to HIGH
propagation delay
B to A
2.5
23.5
2.3
21.1
2.0
16.4
2.0
13.7
1.9
13.2 ns
A to B
2.3
21.3
1.9
16.9
1.6
13.0
1.5
12.0
1.5
11.9 ns
tPHL
HIGH to LOW
propagation delay
B to A
2.3
21.3
2.1
19.1
2.0
14.6
1.9
12.5
2.0
12.1 ns
DIR to A
2.7
20.6
2.7
20.6
2.7
20.6
2.7
20.6
2.7
20.6 ns
tPHZ
HIGH to OFF-state
propagation delay
DIR to B
3.1
27.3
3.1
26.0
2.7
12.1
2.9
12.5
2.5
11.4 ns
DIR to A
2.1
12.6
2.1
12.6
2.1
12.6
2.1
12.6
2.1
12.6 ns
tPLZ
LOW to OFF-state
propagation delay
DIR to B
2.5
20.2
2.7
19.0
2.2
10.4
2.7
11.2
2.2
10.4 ns
DIR to A [1]
-
43.7
-
40.1
-
26.8
-
24.9
-
23.6 ns
tPZH
OFF-state to HIGH
propagation delay
DIR to B [1]
-
36.1
-
32.0
-
27.5
-
25.6
-
24.2 ns
DIR to A [1]
-
48.6
-
45.1
-
26.7
-
25.0
-
23.5 ns
tPZL
OFF-state to LOW
propagation delay
DIR to B [1]
-
41.9
-
37.5
-
33.6
-
32.6
-
32.5 ns
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 12 — 1 March 2023
12 / 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com