Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981HDJSTZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD1981HDJSTZ
Description  HD Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981HDJSTZ Datasheet(HTML) 4 Page - Analog Devices

  AD1981HDJSTZ Datasheet HTML 1Page - Analog Devices AD1981HDJSTZ Datasheet HTML 2Page - Analog Devices AD1981HDJSTZ Datasheet HTML 3Page - Analog Devices AD1981HDJSTZ Datasheet HTML 4Page - Analog Devices AD1981HDJSTZ Datasheet HTML 5Page - Analog Devices AD1981HDJSTZ Datasheet HTML 6Page - Analog Devices AD1981HDJSTZ Datasheet HTML 7Page - Analog Devices AD1981HDJSTZ Datasheet HTML 8Page - Analog Devices AD1981HDJSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD1981HD
Rev. 0 | Page 4 of 16
SPECIFICATIONS
Test conditions, unless otherwise noted.
Table 1. Test Conditions
Parameter
Typ
Unit
TEMPERATURE
25
°C
DIGITAL SUPPLY (DVDD)
3.3 ±10%
V
ANALOG SUPPLY (AVDD)
5.0 ±10%
V
SAMPLE RATE (FS)
48
kHz
INPUT SIGNAL
1.0
kHz
ANALOG OUTPUT PASS BAND
20 to 20,000
Hz
VIH
2.0
V
VIL
0.8
V
VIH
2.4
V
VIL
0.6
V
DAC Test Conditions
Calibrated
Output −3 dB relative to full scale
10 kΩ output load, Ports C, D, F, and mono
32 Ω output load, Port A
ADC Test Conditions
Calibrated
0 dB PGA gain
Input −3.0 dB relative to full scale
Input sourced on Port B, 0 dB boost
Table 2. Analog Input
Parameter
Min
Typ
Max
Unit
PORTS B, C, D, E: 0 dB
1
V rms 1
2.83
V p-p
PORTS B, C, D, E: 30 dB
0.032
V rms
0.089
V p-p
PORTS B, C, D, E: 20 dB
0.1
V rms
0.283
V p-p
PORTS B, C, D, E: 10 dB
0.316
V rms
0.894
V p-p
PORT F, CD IN
1
V rms
2.83
V p-p
INPUT IMPEDANCE2
20
kΩ
INPUT CAPACITANCE
5
7.5
pF
1 RMS values assume sine wave input.
2 Guaranteed by design; not production tested.
Table 3. Master Volume
Parameter
Min
Typ
Max
Unit
STEP SIZE (Ports A, B, C, D, E, MONO_OUT)
1.5
dB
OUTPUT GAIN RANGE
–46.5
+3
dB
MUTE ATTENUATION OF 0 dB FUNDAMENTAL
80
dB
1 Guaranteed by design; not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com