Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981HDJSTZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD1981HDJSTZ
Description  HD Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981HDJSTZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1981HDJSTZ Datasheet HTML 5Page - Analog Devices AD1981HDJSTZ Datasheet HTML 6Page - Analog Devices AD1981HDJSTZ Datasheet HTML 7Page - Analog Devices AD1981HDJSTZ Datasheet HTML 8Page - Analog Devices AD1981HDJSTZ Datasheet HTML 9Page - Analog Devices AD1981HDJSTZ Datasheet HTML 10Page - Analog Devices AD1981HDJSTZ Datasheet HTML 11Page - Analog Devices AD1981HDJSTZ Datasheet HTML 12Page - Analog Devices AD1981HDJSTZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD1981HD
Rev. 0 | Page 9 of 16
Table 17. Analog Input/Output Pin Function Descriptions
Mnemonic
Pin No.
I/O
Channel
Description
Function1
PC Beep
12
I
N/A
Analog Input for PC Beep Pass-Through, Even While in Reset.
LI
PORT-E_L
14
I
Left
Line Input (Typically Auxiliary Input).
PORT-E_R
15
I
Right
Line Input (Typically Auxiliary Input).
LI
PORT-F_L
16
I/O
Left
Multifunction Analog I/O Jack (Typically Rear Microphone).
MIC, LI, LO
PORT-F_R
17
I/O
Right
Multifunction Analog I/O Jack (Typically Rear Microphone).
MIC, LI, LO
CD_L
18
I
Left
CD Input, Left Channel.
LI
CD_GND
19
I
Ground
CD Input, Ground.
LI
CD_R
20
I
Right
CD Input, Right Channel.
LI
PORT-B _L
21
I
Left
Multifunction Analog I/O Jack (Typically Front Microphone).
MIC, LI
PORT-B_R
22
I
Right
Multifunction Analog I/O Jack (Typically Front Microphone).
MIC, LI
PORT-C_L
23
I/O
Left
Multifunction Analog I/O Jack (Typically Rear Line Input).
MIC, LI, LO
PORT-C_R
24
I/O
Right
Multifunction Analog I/O Jack (Typically Rear Line Input).
MIC, LI, LO
PORT-D_L
35
I/O
Left
Multifunction Analog I/O Jack (Typically Rear Line Output).
MIC, LI, LO
PORT-D_R
36
I/O
Right
Multifunction Analog I/O Jack (Typically Rear Line Output).
MIC, LI, LO
MONO_OUT
37
O
-
Monaural Output to Telephony Subsystem Speakerphone.
LO
PORT-A_L
39
O
Left
Headphone Output, Left Channel.
LO, HP
PORT-A_R
41
O
Right
Headphone Output, Right Channel.
LO, HP
1 MIC—Microphone capable, includes programmable MIC_BIAS pins and integrated boost amplifier; LI—line level analog inputs; LO— line level analog outputs;
HP—headphone support, includes integrated headphone amplifier.
Table 18. Filter/Reference Pin Function Descriptions
Mnemonic
Pin No.
I/O
Description
VREF_FILT
27
O
Voltage Reference Filter.
MIC_BIAS-B
28
O
Programmable Microphone Bias Output. Intended for connection to Port B.
MIC_BIAS-C
29
O
Programmable Microphone Bias Output. Intended for connection to Port C.
MIC_BIAS-F
30
O
Programmable Microphone Bias Output. Intended for connection to Port F.
MIC_BIAS-D
32
O
Programmable Microphone Bias Output. Intended for connection to Port D.
Table 19. Power and Ground Pin Function Descriptions
Mnemonic
Pin No.
I/O
Description
DVSS
4, 7
I
Digital Supply Return (Ground).
DVDD
1, 9
I
Digital Supply Voltage (3.3 V).
AVSS
26, 42
I
Analog Supply Return (Ground).
AVDD
25, 38
I
Analog Supply Voltage (5.0 V).
AVDD supplies should be well filtered because supply noise degrades audio performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com