Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981HDJSTZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD1981HDJSTZ
Description  HD Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981HDJSTZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1981HDJSTZ Datasheet HTML 4Page - Analog Devices AD1981HDJSTZ Datasheet HTML 5Page - Analog Devices AD1981HDJSTZ Datasheet HTML 6Page - Analog Devices AD1981HDJSTZ Datasheet HTML 7Page - Analog Devices AD1981HDJSTZ Datasheet HTML 8Page - Analog Devices AD1981HDJSTZ Datasheet HTML 9Page - Analog Devices AD1981HDJSTZ Datasheet HTML 10Page - Analog Devices AD1981HDJSTZ Datasheet HTML 11Page - Analog Devices AD1981HDJSTZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD1981HD
Rev. 0 | Page 8 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
48 47 46
45 44 43 42
41 40 39 38 37
35
PORT-D_L
34
SENSE_B/SRC_A
33
NC
30
MIC_BIAS-F
31
NC
32
MIC_BIAS-D
36
PORT-D_R
29
MIC_BIAS-C
28
MIC_BIAS-B
27
VREF_FILT
25
AVDD
26 AVSS
2
GPIO_2
3
GPIO_3
4
DVSS
7
DVSS
6
BIT_CLK
5
SDATA_OUT
1
DVDD
8
SDATA_IN
9
DVDD
10
SYNC
12
PC BEEP
11
RESET
NC = NO CONNECT
13 14
15
16
17 18 19 20 21 22
23 24
PIN 1
AD1981HD
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 15. Pin Function Descriptions
Mnemonic
Pin No.
I/O
Description
SDATA_OUT
5
I
HD Audio Link Serial Data Output. Codec input stream.
BIT_CLK
6
I
HD Audio Link Bit Clock Input. 24 MHz.
SDATA_IN
8
I/O
HD Audio Link Serial Data Input. Codec output stream.
SYNC
10
I
HD Audio Link Frame Sync.
RESET#
11
I
HD Audio Link Reset. Master hardware reset.
Table 16. Digital Input/Output Pin Function Descriptions
Mnemonic
Pin No.
I/O
Description
GPIO_2
2
I/O
General-Purpose Input/Output. Digital signal used to sense/control external circuits.
GPIO_3
3
I/O
General-Purpose Input/Output. Digital signal used to sense/control external circuits.
GPIO_0/JS_1
43
I/O
GPIO_0—General-Purpose Input/Output. Digital signal used to sense/control external circuits.
JS_1—Classic (DC) Jack Sense for Headphone Out Pins. Low indicates that nothing is plugged
into the jack; high indicates that a peripheral is plugged into the jack.
GPIO_1/JS_0
44
I/O
GPIO_1—General-Purpose Input/Output. Digital signal used to sense/control external circuits
JS_0—Classic (DC) Jack Sense for Line Out Pins. Low indicates that nothing is plugged into the
jack; high indicates that a peripheral is plugged into the jack.
SENSE_A/SRC_B
13
I/O
SENSE_A—Jack Sense A–D Input. For use with isolated switches on audio jacks.1
SENSE_B/SRC_A
34
I/O
SENSE_B—Jack Sense E–F Input. For use with isolated switches on audio jacks.1
EAPD
47
O
External Amplifier Power-Down Output.
S/PDIF_OUT
48
O
S/PDIF Output.
1 To reduce SENSE_A/B static current draw, connect a single 2.69 kΩ resistor between Pins 13 and 34. Remove the resistors from Pins 33 and 13 to AVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com