Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981HDJSTZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD1981HDJSTZ
Description  HD Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981HDJSTZ Datasheet(HTML) 1 Page - Analog Devices

  AD1981HDJSTZ Datasheet HTML 1Page - Analog Devices AD1981HDJSTZ Datasheet HTML 2Page - Analog Devices AD1981HDJSTZ Datasheet HTML 3Page - Analog Devices AD1981HDJSTZ Datasheet HTML 4Page - Analog Devices AD1981HDJSTZ Datasheet HTML 5Page - Analog Devices AD1981HDJSTZ Datasheet HTML 6Page - Analog Devices AD1981HDJSTZ Datasheet HTML 7Page - Analog Devices AD1981HDJSTZ Datasheet HTML 8Page - Analog Devices AD1981HDJSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
HD Audio SoundMAX® Codec
AD1981HD
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
2 DAC channels: 16-, 20-, or 24-bit
2 ADC channels: 16- or 20-bit
HD audio sample rates
8 kHz, 11.025 kHz, 16 kHz, 22.05 kHz, 32 kHz,
44.1 kHz, 48 kHz
Greater than 90 dB dynamic range
S/PDIF output: 32 kHz, 44.1 kHz or 48 kHz, 16- or 24-bit
Digital beep and analog PC beep pass-through
Integrated headphone amplifiers on two ports
Port retasking
Selectable microphone and line inputs
Full analog mixer
Legacy inputs: CD and auxiliary inputs
External amplifier power-down (EAPD)
48-pin, Pb-free LQFP
ENHANCED FEATURES
No AFILT pins, results in BOM savings
5.0 V AVDD supply, 3.3 V DVDD supply
Jack-sensing autoconfiguration options
Mute line output and monaural output (MONO_OUT)
when headphones are used
Mute MONO_OUT when a device is in the line out jack
Selectable trip level: high/low supports all jack types
Peripheral identification/enumeration
Jack event/presence detection using SENSE or GPIO pins
Microphone to MONO_OUT for speakerphone applications
Advanced power management modes
4 software-controlled microphone bias pins
Up to 30 dB microphone boost
4 GPIOs—external control or traditional jack sense
FUNCTIONAL BLOCK DIAGRAM
EQ
PCM
Σ-Δ DAC
S/PDIF_OUT
GPIO
GPIO
JACK
SENSE
SENSE
DIGITAL
PC BEEP
Σ
GA
G
PC BEEP
GA
GA
GA
GA
GA
GA
PC BEEP
PCM/FLOAT32
Σ-Δ ADC
M
G
PCM/AC3
S/PDIF TX
GAM
GAM
HP
GAM
BOOST
BOOST
MIC
BIAS
HP
Z
Z
GAM
MIC
BIAS
Z
Z
BOOST
GAM
MIC
BIAS
Z
Z
BOOST
MIC
BIAS
Z
DIFF
AMP
Σ
M
M
MIC_BIAS-C
PORT-C
MONO_OUT
PORT-A
MIC_BIAS-F
PORT-F
MIC_BIAS-D
PORT-D
MIC_BIAS-B
PORT-B
LINE_IN
HEADPHONE
REAR MIC
LINE_OUT
FRONT MIC
RESET
AVDD
AVSS
PC BEEP
5V
M
M
M
M
M
M
M
M
Figure 1.


Similar Part No. - AD1981HDJSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
HD Audio SoundMAX Codec
REV. 0
More results

Similar Description - AD1981HDJSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1986A AD-AD1986A Datasheet
365Kb / 56P
AC ??7 and HD Audio SoundMAX Codec
4/05-Revision 0
AD1983 AD-AD1983 Datasheet
427Kb / 16P
HD Audio SoundMAX Codec
4/06-Revision 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
High Definition Audio SoundMAX Codec
Jan-2007
AD1984A AD-AD1984A Datasheet
298Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1884A AD-AD1884A Datasheet
315Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
HD Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
AC 97 and HD Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com