Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981HDJSTZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD1981HDJSTZ
Description  HD Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981HDJSTZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1981HDJSTZ Datasheet HTML 6Page - Analog Devices AD1981HDJSTZ Datasheet HTML 7Page - Analog Devices AD1981HDJSTZ Datasheet HTML 8Page - Analog Devices AD1981HDJSTZ Datasheet HTML 9Page - Analog Devices AD1981HDJSTZ Datasheet HTML 10Page - Analog Devices AD1981HDJSTZ Datasheet HTML 11Page - Analog Devices AD1981HDJSTZ Datasheet HTML 12Page - Analog Devices AD1981HDJSTZ Datasheet HTML 13Page - Analog Devices AD1981HDJSTZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD1981HD
Rev. 0 | Page 10 of 16
HD AUDIO CODEC INFORMATION
Table 20. Widget List and Descriptions
NID
Name
Type ID
Type
Description
00
ROOT
x
Root
Device identification.
01
FUNCTION
x
Function
Designates this device as an audio codec.
02
S/PDIF
0
Audio output
Designates the codec S/PDIF digital stream output interface.
03
Front DAC
0
Audio output
Designates the playback channel digital/audio converters.
04
Record ADC
1
Audio input
Designates the record channel audio/digital converters.
05
Port-D (Line Out)
4
Pin complex
Port-D pin drivers. Typically used as rear panel line output.
06
Port-A (Headphone Out)
4
Pin complex
Port-A pin drivers. Typically used as front panel headphone output.
07
MONO_OUT
4
Pin complex
Monaural output pin driver. Typically used to drive an internal
speaker or as a microphone selector on a telephony system.
08
Port-B (Front Microphone)
4
Pin complex
Port-B pin drivers. Typically used as front panel microphone.
09
Port-C (Line In)
4
Pin complex
Port-C pin drivers. Typically used as rear panel line input.
0A
S/PDIF_OUT
4
Pin complex
S/PDIF output digital interface.
0B
Monaural Selector
3
Audio selector
Chooses which signals drive the monaural output mixer and pin.
0C
Microphone Mixer
2
Audio mixer
Allows selective mixing of the front/rear microphone sources to a
single combined signal.
0D
PC Beep Selector
3
Audio selector
Selects between the digital beep generator and the analog PC BEEP pin
as the source for the analog mixer.
0E
Analog Mixer
2
Audio mixer
Selectively mixes analog input signals into a single signal.
0F
Monaural Mixer
2
Audio mixer
Stereo-to-monaural mixer for MONO_OUT.
10
Digital PC Beep
7
Beep generator
Digital PC beep generator.
11
Front Mix Amp
3
Audio selector
Individual gain control for the DAC (front) input to the Analog Mixer.
12
Port-B Mix Amp
3
Audio selector
Individual gain control for the Port-B (front microphone) input to the
analog mixer.
13
Port-C Mix Amp
3
Audio selector
Individual gain control for the Port-C (line in) input to the analog
mixer.
14
Analog Power-Down
5
Power widget
Power control on the analog mixer and associated amplifiers.
15
Record Selector
3
Audio selector
Chooses which signal is recorded by the record ADC. Also contains
the record gain controls.
16
PC Beep In
4
Pin complex
Analog PC Beep in pin drivers. This signal is coupled to the outputs
while the codec is held in reset. This may be selected as an input to
the analog mixer after reset has been released.
17
Port-E (Aux In)
4
Pin complex
Port-E pin drivers. Typically used as auxiliary input.
18
Port-F (Rear Microphone)
4
Pin complex
Port-F pin drivers. Typically used as rear panel microphone.
19
CD In
4
Pin complex
CD in pin drivers.
1A
Port-D Mix Amp
3
Audio selector
Individual gain control for the Port D (front) input to the analog
mixer.
1B
Port-E Mix Amp
3
Audio selector
Individual gain control for the Port E (aux) input to the analog mixer.
1C
Port-F Mix Amp
3
Audio selector
Individual gain control for the Port F (rear microphone) input to the
analog mixer.
1D
CD Mix Amp
3
Audio selector
Individual gain control for the CD input to the analog mixer.
1E
Front Microphone Mute
3
Audio selector
Mute control for Port B (front microphone) into microphone mixer.
1F
Rear Microphone Mute
3
Audio selector
Mute control for Port F (rear microphone) into the microphone mixer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com