Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981HDJSTZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD1981HDJSTZ
Description  HD Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981HDJSTZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1981HDJSTZ Datasheet HTML 8Page - Analog Devices AD1981HDJSTZ Datasheet HTML 9Page - Analog Devices AD1981HDJSTZ Datasheet HTML 10Page - Analog Devices AD1981HDJSTZ Datasheet HTML 11Page - Analog Devices AD1981HDJSTZ Datasheet HTML 12Page - Analog Devices AD1981HDJSTZ Datasheet HTML 13Page - Analog Devices AD1981HDJSTZ Datasheet HTML 14Page - Analog Devices AD1981HDJSTZ Datasheet HTML 15Page - Analog Devices AD1981HDJSTZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD1981HD
Rev. 0 | Page 12 of 16
Table 23. Default Configuration Parameters
31
29
27
23
19
15
8
7
3
30
28
24
20
16
12
8
4
0
Location
Misc.
Node ID Name
Value
Connector Chassis Position Def. Device
Conn. Type Color
Ovrrd. Def. Assn. Sequence
05
Port-D (Line Out)
01014010 Jack
External Rear
Line Out
1/8" Jack
Green
0
1
0
06
Port-A (HP Out)
0221401F
Jack
External Front
HP Out
1/8" Jack
Green
0
1
F
07
Mono Out
90130130 Fixed
Internal N/A
Speaker
ATAPI
unknown
1
3
0
08
Port-B (Front MIC)
02A19040 Jack
External Front
Mic In
1/8" Jack
Pink
0
4
0
09
Port-C (Line In)
01813041 Jack
External Rear
Line In
1/8" Jack
Blue
0
4
1
0A
S/PDIF Out
01451020 Jack
External Rear
SPDIF Out
Optical
Black
0
2
0
16
PC Beep In
90F30150
Fixed
Internal N/A
other
ATAPI
unknown
1
5
0
17
Port-E (Aux In)
99930144 Fixed
Internal Special 3 AUX
ATAPI
unknown
1
4
4
18
Port-F (Rear MIC)
01A19043 Jack
External Rear
Mic In
1/8" Jack
Pink
0
4
3
19
CD In
99330142 Fixed
Internal Special 3 CD
ATAPI
unknown
1
4
2
Table 24. Widget Connection List
Index
0
1
2
3
4
5
6
7
8
9
NID
Name
NID
NID
NID
NID
NID
NID
NID
NID
NID
NID
2
S/PDIF
01
04
3
Front DAC
4
Record ADC
15
5
Port-D (Line Out)
03
0E
6
Port-A (Headphone Out)
03
0E
7
MONO_OUT
0F
8
Port-B (Front Microphone)
9
Port-C (Line In)
03
0E
0A
S/PDIF_OUT
02
0B
Monaural Selector
03
0C
09
0E
05
18
0C
Microphone Mixer
1E
1F
0D
PC Beep Selector
10
16
0E
Analog Mixer
0D
11
12
13
1A
1B
1C
1D
0F
Monaural Mixer
0B
10
Digital PC Beep
11
Front Mix Amp
03
12
Port-B Mix Amp
08
13
Port-C Mix Amp
09
14
Analog Power-Down
0D
0E
10
11
12
13
1A
1B
1C
1D
15
Record Selector
0C
09
0E
0F
19
05
18
17
16
PC Beep In
17
Port-E (Aux In)
18
Port-F (Rear Microphone)
03
0E
19
CD In
1A
Port-D Mix Amp
05
1B
Port-E Mix Amp
17
1C
Port-F Mix Amp
18
1D
CD Mix Amp
19
1E
Front Microphone Mute
08
1F
Rear Microphone Mute
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com