Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5522
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522 Datasheet(HTML) 5 Page - Analog Devices

  AD5522 Datasheet HTML 1Page - Analog Devices AD5522 Datasheet HTML 2Page - Analog Devices AD5522 Datasheet HTML 3Page - Analog Devices AD5522 Datasheet HTML 4Page - Analog Devices AD5522 Datasheet HTML 5Page - Analog Devices AD5522 Datasheet HTML 6Page - Analog Devices AD5522 Datasheet HTML 7Page - Analog Devices AD5522 Datasheet HTML 8Page - Analog Devices AD5522 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
Preliminary Technical Data
AD5522
Rev. PrL | Page 5 of 45
Parameter
Min
Typ1
Max
Units
Test Conditions/Comments
COMPARATOR
Comparator Span
22.5
V
Offset Error
-10
10
mV
Propagation delay2
1
TBD
μs
VOLTAGE CLAMPS
Clamp Span
22.5
V
Positive Clamp Accuracy
150
mV
Negative Clamp Accuracy
-150
mV
Recovery Time2
TBD
TBD
μs
Activation Time2
TBD
TBD
μs
CURRENT CLAMPS
Clamp Accuracy
Prog’d
Clamp
value
Programmed
Clamp value
+15
% of FSC
range
Clamp current scales with selected range
Recovery Time2
TBD
TBD
μs
Activation Time2
TBD
TBD
μs
FOH, EXTFOH, EXTMEASIL,
EXTMEASIH, CFF
Pin Capacitance2
3
TBD
pF
Leakage Current
-3
3
nA
On or off switch leakage
Leakage Current Tempco2
±0.1
nA/oC
MEASVH
Pin Capacitance2
3
TBD
pF
Leakage/Bias Current
-3
3
nA
Leakage Current Tempco2
±0.1
nA/oC
SYS_SENSE
SYS_Sense Connected, Force Amplifier Inhibited
Pin Capacitance2
3
TBD
pF
SYS_SENSE Impedance
1
1.3
kΩ
Leakage Current
-3
3
nA
Leakage Current Tempco2
±0.1
nA/oC
SYS_FORCE
SYS_Force Connected, Force Amplifier Inhibited
Pin Capacitance2
3
TBD
pF
SYS_FORCE Impedance
60
80
Ω
Leakage Current
-3
3
nA
Leakage Current Tempco2
±0.1
nA/oC
COMBINED LEAKAGE at DUT
Includes FOH, MEASVH, SYS_SENSE, SYS_FORCE,
EXTMEASIL
Leakage Current
-15
15
nA
Leakage Current Tempco2
±0.5
nA/oC typ
DUTGND
Voltage Range
-500
500
mV
Leakage Current
-1
1
μA
MEASURE OUTPUT (MEASOUT)
With respect to AGND
Measure Output Voltage Span
22.5
V
Software Programmable output range
Measure Pin output Impedance
100
Ω
Output leakage current
-3
3
nA
With SW12 off
Output Capacitance2
15
pF
Short Circuit Current2
-10
10
mA
MEASOUT enable time
TBD
TBD
ns
Closing SW12
MEASOUT disable time
TBD
TBD
ns
Opening SW12
MEASOUT MI to MV switching time
TBD
TBD
ns
GUARD OUTPUT
Guard Output Voltage Span
22.5
V
Guard Output Offset
-10
10
mV
Short Circuit Current2
-10
10
mA
Load Capacitance2
50
nF
Guard Output Impedance
100
Ω
Slew Rate2
3
V/μs
CLOAD = TBD pf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com