Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522 Datasheet(PDF) 30 Page - Analog Devices

Part # AD5522
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD5522 Datasheet HTML 26Page - Analog Devices AD5522 Datasheet HTML 27Page - Analog Devices AD5522 Datasheet HTML 28Page - Analog Devices AD5522 Datasheet HTML 29Page - Analog Devices AD5522 Datasheet HTML 30Page - Analog Devices AD5522 Datasheet HTML 31Page - Analog Devices AD5522 Datasheet HTML 32Page - Analog Devices AD5522 Datasheet HTML 33Page - Analog Devices AD5522 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
AD5522
Preliminary Technical Data
Rev. PrL | Page 30 of 45
WRITE PMU REGISTER
To address PMU functions, set Mode bits MODE1, MODE0 low, this selects the PMU register as outlined in Table 13 and Table 14. The
AD5522 has very flexible addressing, in that it allows writing of data to a single PMU channel, any combination of them or all PMU
channels. This enables multi pin broadcasting to similar pins on a DUT. Bits 27 to 24 select which PMU or group of PMUs is addressed.
Table 17. PMU Register Bits
B28
B27
B26
B25
B24
B23
B22
B21
B20
B19
B18
B17
B16
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5 to B0
RD/WR
PMU3
PMU2
PMU1
PMU0
MODE1
MODE0
CH
EN
FORCE1
FORCE0
X
C2
C1
C0
MEAS1
MEAS0
FIN
SF0
SF0
CL
CPOLH
COMPARE
V/I
CLEAR
UNUSED
DATA
BITS
Table 18. PMU Register Functions
Bit
Bit name
Description
28
(MSB)
RD/WR
When low, a write function takes place to the selected register, while if the RD/WR bit is set high, this initiates a readback
sequence of PMU, Alarm, Comparator, System Control or DAC register as determined by address bits.
27
PMU3
26
PMU2
25
PMU1
24
PMU0
Bits PMU3 through PMU0 address each of the PMU channels in the device. This allows individual control of each PMU channel
or any manner of combined addressing in addition to multi-channel programming.
B27
B26
B25
B24
B23
B22
SELECTED REGISTER
PMU3
PMU2
PMU1
PMU0
MODE1
MODE0
CH3
CH2
CH1
CH0
0
0
0
0
0
0
Write to System Control Register
0
0
0
1
×
×
×
CHO
0
0
1
0
×
×
CH1
×
0
0
1
1
×
×
CH1
CH0
0
1
0
0
×
CH2
×
×
-
-
-
-
-
-
-
-
1
0
0
0
CH3
×
×
×
-
-
-
-
-
-
-
-
1
1
1
0
CH3
CH2
CH1
×
1
1
1
1
Select DAC or PMU Registers.
See below
CH3
CH2
CH1
CH0
23
MODE1
22
MODE0
Mode Bits, MODE0 and MODE1 allow addressing of the PMU register or the DAC gain (m), offset (c ) or input register (x1). Set
to zero to access the PMU Register.
MODE1
MODE0
Action
0
0
System Control Register or PMU Register
0
1
DAC Gain (m) Register
1
0
DAC Offset (c) Register
1
1
DAC Input Data Register, (x1)
PMU REGISTER SPECIFIC BITS
21
CH EN
Channel Enable, Set high to enable the selected channel, similarly, set low to disable a selected channel or group of channels.
When disabled, SW 2 is closed, SW 5 open.
20
FORCE1
19
FORCE0
Bits FORCE1 and FORCE0 address the force function for each of the PMU channels (in association with P3-P0). All
combinations of forcing and measuring (using MEAS0 and MEAS1) are available. The Hi-Z (voltage and current) modes allows
user to optimize glitch response during mode changes. While in these modes, with PMU Hi-Z, new x1 codes loaded to the FIN
DAC register and the Clamp DAC register will be calibrated, stored in x2 register and loaded directly to the DAC outputs.
FORCE1
FORCE0
Action
0
0
FV & Current Clamp (if clamp enabled)
0
1
FI & Voltage Clamp (if clamp enabled)
1
0
Hi-Z FOH Voltage (pre load FIN DAC & Clamp DAC)
1
1
Hi-Z FOH Current (pre load FIN DAC & Clamp DAC)
18
RESERVED
0
17
C2
16
C1
15
C0
Bits C2 through C0 address allow selection of the required current range.
C2
C1
C0
Action
0
0
0
±5µA current range
0
0
1
±20µA current range
0
1
0
±200µA current range
0
1
1
±2mA current range
1
0
0
±external current range
1
0
1
NOP
1
1
0
NOP
1
1
1
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com