Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522 Datasheet(PDF) 31 Page - Analog Devices

Part # AD5522
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD5522 Datasheet HTML 27Page - Analog Devices AD5522 Datasheet HTML 28Page - Analog Devices AD5522 Datasheet HTML 29Page - Analog Devices AD5522 Datasheet HTML 30Page - Analog Devices AD5522 Datasheet HTML 31Page - Analog Devices AD5522 Datasheet HTML 32Page - Analog Devices AD5522 Datasheet HTML 33Page - Analog Devices AD5522 Datasheet HTML 34Page - Analog Devices AD5522 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
Preliminary Technical Data
AD5522
Rev. PrL | Page 31 of 45
14
MEAS1
13
MEAS0
Bits MEAS1 and MEAS0 allow selection of the required measure mode, allowing the measout line to be disabled, connected
to the temperature sensor or enabled for measurement or current or voltage.
MEAS1
MEAS0
Action
0
0
MEASOUT connected to I SENSE
0
1
MEASOUT connected to V SENSE
1
0
MEASOUT connected to Temperature Sensor
1
1
MEASOUT Hi-Z (SW 12 Open)
12
FIN
Bit FIN = 0 switches the input of the force amplifier to GND, while FIN = 1 connects it to FIN DAC output.
11
SFO
10
SSO
Bits SF0 through SS0 address each of the different combinations of switching the system force and sense lines to the force
and sense at the DUT. Selection of which channel the system force and sense lines are connected to as per P3 to P0
addressing.
SF0
SS0
Action
0
0
SYS_FORCE and SYS_SENSE Hi-Z
0
1
SYS_FORCE Hi-Z, SYS_SENSE connected to MEASVHx
1
0
SYS_FORCE connected to FOHx, SYS_SENSE Hi-Z
1
1
SYS_FORCE connected to FOHx, SYS_SENSE connected to MEASVHx
9
CL
Per PMU clamp enable bit. A logic high enables the clamp function for the selected PMU. The clamp enable function is also
available in the System control register. This dual functionality allows flexible enable or disabling of this function. When
reading back information on the status of the clamp enable function on a per channel basis, what was most recently written
to the clamp register is available in the readback word from either PMU or System Control Registers.
8
CPOLH
Comparator output enable bit. A logic high enables the comparator output for the selected PMU, the comparator function
CPBIASEN must be enabled in the SYSTEM CONTROL REGISTER. The comparator output enable function is also available in
the System control register. This dual functionality allows flexible enable or disabling of this function.
7
COMPARE V/I
A logic high selects compare voltage function, while logic low, current function.
6
CLEAR
To clear or reset a latched alarm bit and pin (temperature, guard or clamp), load a “1” to the Clear bit position. This bit applies
to latched alarm (clamp and guard) conditions on all four PMU channels.
5
4
3
2
1
0 (LSB)
0
Unused bits. Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com