Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5522
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5522 Datasheet HTML 13Page - Analog Devices AD5522 Datasheet HTML 14Page - Analog Devices AD5522 Datasheet HTML 15Page - Analog Devices AD5522 Datasheet HTML 16Page - Analog Devices AD5522 Datasheet HTML 17Page - Analog Devices AD5522 Datasheet HTML 18Page - Analog Devices AD5522 Datasheet HTML 19Page - Analog Devices AD5522 Datasheet HTML 20Page - Analog Devices AD5522 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
Preliminary Technical Data
AD5522
Rev. PrL | Page 17 of 45
CURRENT RANGE SELECTION
Integrated thin film resistors minimize external components
and allow easy selection of current ranges from 5 µA (200kΩ),
20μA (50kΩ), 200μA (5kΩ) and 2mA (500Ω). Per channel, one
current range up to 64mA may be accommodated by
connecting an external sense resistor. For current ranges in
excess of 64mA, it is recommended an external amplifier be
used.
For the suggested current ranges, the maximum voltage drop
across the sense resistors is ±1V, however, to allow for
correction of errors, there is some over range available in the
current ranges. The full-scale voltage range that can be loaded
to the DAC is ±11.5V; the forced current may be calculated as
follows:
Gain
RSENSE
VFIN
FI
×
=
Where:
FI = Forced Current
VFIN = Voltage of the FIN DAC, See VOUT for DAC levels.
RSENSE = Selected Sense Resistor
Gain of Current Measure Instrumentation amplifier, it may be
set (via the serial interface) to 5 or 10.
Using the 5kΩ sense resistor and ISENSE gain of 10, the
maximum current range possible is ±225μA. Similarly for the
other current ranges, there is an over range of 12.5% to allow for
correction.
Also, the forced current range will only be the quoted full scale
range with an applied reference of 5V or 2.5V (with ISENSE
AMP gain = 5). The ISENSE amplifier is biased by the Offset
DAC output voltage, in such as way as to center the Measure
current output irrespective of the voltage span used.
When using the EXTFOHx outputs for current ranges up to
64mA, there is no switch in series with the EXTFOHx line,
ensuring minimum capacitance presented at the output of the
force amplifier. This is also an important feature if using a Pin
electronics driver to provide high current ranges.
HIGH CURRENT RANGES
With the use of an external high current amplifier, one high
current range in excess of 64mA is possible. The high current
amplifier simply buffers the force output and provides the drive
for the required current.
DUTGND
MEASVH
DUT
Rsense
EXTMEASIH
EXTMEASIL
FOH
EXTFOH
CFF
FIN
+
-
INTERNAL RANGE SELECT
(5uA, 20uA, 200uA, 2mA)
10k
Ω
Rsense
DAC
HIGH CURRENT
BUFFER
-
-
-
-
-
-
+
+
+
+
+
+
x5 or x10
x1
AGND
MEASOUT
x1/x0.2
EN
OFFSET DAC
BIAS TO
CENTER
IRANGE
Figure 10. Addition of high current amplifier for wider current range(>64mA)
DEVICE UNDER TEST GROUND (DUTGND)
By default, there is one DUTGND input available for all four
PMU channels. In some applications of a PMU, it is necessary
that each channel operate from its own DUTGND level. There
is a shared pin in the form of the GUARDIN(0-3)/DUTGND(0-
3) which may be shared as either the input to the GUARD
amplifier (GUARDIN), or as a DUTGND per channel function.
This should be configured through the serial interface on power
on as per required operation. The default connection is SW13b
and SW14b. When configured as DUTGND per channel, this
multifunction pin is no longer connected to the input of the
guard amplifier, it is instead connected to the low end of the
instrumentation amplifier (SW14a), and the input of the Guard
amplifier is not connected internally to MEASVH (SW13a).
DUTGND
MEASVH (0-3)
GUARD (0-3)
GUARDIN (0-3)/
DUTGND (0-3)
-
-
-
+
+
+
x1
AGNDx
MEASURE
VOLTAGE
IN AMP
DUT
GUARD AMP
SW 14
SW 13
SW 16
b
a
b
a
a
Figure 11. Using the DUTGND per channel Feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com