Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5522
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522 Datasheet(HTML) 3 Page - Analog Devices

  AD5522 Datasheet HTML 1Page - Analog Devices AD5522 Datasheet HTML 2Page - Analog Devices AD5522 Datasheet HTML 3Page - Analog Devices AD5522 Datasheet HTML 4Page - Analog Devices AD5522 Datasheet HTML 5Page - Analog Devices AD5522 Datasheet HTML 6Page - Analog Devices AD5522 Datasheet HTML 7Page - Analog Devices AD5522 Datasheet HTML 8Page - Analog Devices AD5522 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
Preliminary Technical Data
AD5522
Rev. PrL | Page 3 of 45
DUTGND
MEASVH 0
GUARD 0
CPOL0/ SCLK
CPOH0/ SDI
GUARDIN 0/
DUTGND 0
DUT
EXTERNAL
RSENSE
(CURRENTS
UP TO 64mA)
EXTMEASIH 0
EXTMEASIL 0
FOH 0
EXTFOH 0
CFF 0
FIN
CLH
CLL
AVSS(0-4)
AGND
AVDD(0-4)
+
-
MEASOUT 0
CH0
DGND
CPH
COMPARATOR
CCOMP 0
INTERNAL RANGE SELECT
(5uA, 20uA, 200uA, 2mA)
-
-
-
-
-
-
+
+
+
+
+
+
RSENSE
- +
VREF
SYS_FORCE
SYS_SENSE
DVCC
x5 or x10
x1
AGND
OFFSET DAC
BIAS TO
CENTER
IRANGE
10k
Ω
FORCE
AMPLIFER
MEASURE
CURRENT
IN AMP
SW 1
SW 2
SW 3
SW 5
SW 6
SW 4
SW 9
SW 8
SW 7
MEASURE
VOLTAGE
IN AMP
CGALM
SCLK
SYNC
SDI
SDO
CPOL2/CPO0
SERIAL
INTERFACE
CPOL1/ SYNC
CPOH1/ SDO
RESET
BUSY
16
CLAMP &
GUARD
ALARM
CPOH2/CPO1
CPOL3
/CPO2
CPOH3
/CPO3
POWER ON
RESET
TEMP
SENSOR
TMPALM
16
16-Bit
OFFSET
DAC
TO ALL DAC
OUTPUT
AMPLIFIERS
TO
MEASOUT
MUX
DUTGND
MEASVH 3
GUARD 3
GUARDIN 3/
DUTGND 3
DUT
EXTERNAL
RSENSE
(CURRENTS
UP TO 64mA)
EXTMEASIH 3
EXTMEASIL 3
FOH 3
EXTFOH 3
CFF 3
FIN
CLH
CLL
+
-
MEASOUT 3
CPH
COMPARATOR
INTERNAL RANGE SELECT
(5uA, 20uA, 200uA, 2mA)
-
-
-
-
-
-
+
+
+
+
+
+
RSENSE
- +
x5 or x10
x1
10k
Ω
FORCE
AMPLIFER
MEASURE
CURRENT
IN AMP
SW 1
SW 2
SW 3
SW 5
SW 6
SW 4
SW 9
SW 8
SW 7
MEASURE
VOLTAGE
IN AMP
CH1
CH3
CH2
CCOMP 3
MEASVH 2
EXTMEASIL 2
FOH 2
EXTFOH 2
CFF 2
EXTMEASIH 2
GUARD 2
GUARDIN 2/DUTGND 2
MEASVH 1
EXTMEASIL 1
FOH 1
EXTFOH 1
CFF 1
EXTMEASIH 1
GUARD 1
GUARDIN 1/DUTGND 1
MEASOUT 1
CCOMP 1
MEASOUT 2
CCOMP 2
DUTGND
DUTGND
16
16
16
CPL
-
+
16
16
16
16
16
X1 REG
CREG
MREG
16
16
16
16
16
16
16
16
16-Bit
FIN DAC
*2
16-Bit
CLH DAC
MEASOUT
MUX & GAIN
x1/x0.2
X1 REG
CREG
MREG
X1 REG
CREG
MREG
*2
16
16
16
16
X1 REG
CREG
MREG
*6
OFFSET DAC
16-Bit
CLL DAC
16-Bit
CPH DAC
16-Bit
CPL DAC
SW 10
SW 11
TEMP
SENSOR
SW 12
X1 REG
CREG
MREG
*6
X2 REG
X2 REG
16
16
16
CPL
-
+
16
16
16
16
16
X1 REG
CREG
MREG
16
16
16
16
16
16
16
16
16-Bit
FIN DAC
*2
16-Bit
CLH DAC
MEASOUT
MUX & GAIN
x1/x0.2
X1 REG
CREG
MREG
X1 REG
CREG
MREG
*2
16
16
16
16
X1 REG
CREG
MREG
*6
OFFSET DAC
16-Bit
CLL DAC
16-Bit
CPH DAC
16-Bit
CPL DAC
SW 10
SW 11
TEMP
SENSOR
SW 12
X1 REG
CREG
MREG
*6
X2 REG
X2 REG
X2 REG
*6
X2 REG
*6
X2 REG
*6
*2
*2
X2 REG
*6
X2 REG
*6
X2 REG
*6
*2
*2
AGND
AGND
EN
MUX
MUX
LVDS/
SPI
LOAD
AGND
AGND
AGND
REFGND
AGND
AGND
EN
SW 13
SW 13
GUARD AMP
SW 14
GUARD AMP
SW 14
AGNDx
10k
Ω
SW 15
SW 16
SW 16
AGND
10k
Ω
SW 15
DUTGND
AGND
10k
Ω
SW 15a
OFFSET DAC
BIAS TO
CENTER
IRANGE
Figure 2. Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com