Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5522
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5522 Datasheet HTML 3Page - Analog Devices AD5522 Datasheet HTML 4Page - Analog Devices AD5522 Datasheet HTML 5Page - Analog Devices AD5522 Datasheet HTML 6Page - Analog Devices AD5522 Datasheet HTML 7Page - Analog Devices AD5522 Datasheet HTML 8Page - Analog Devices AD5522 Datasheet HTML 9Page - Analog Devices AD5522 Datasheet HTML 10Page - Analog Devices AD5522 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
Preliminary Technical Data
AD5522
Rev. PrL | Page 7 of 45
Parameter
Min
Typ1
Max
Units
Test Conditions/Comments
levels for that PMU.
Shorted DUT Crosstalk2
TBD
TBD
S/C applied to one PMU channel, measure effect on
other channels.
SPI INTERFACE LOGIC
LOGIC INPUTS
VIH, Input High Voltage
1.7/2.0
V
(2.3 to 2.7)/(2.7 to 5.25V) Jedec Compliant Input Levels
VIL, Input Low Voltage
0.7/0.8
V
(2.3 to 2.7)/(2.7 to 5.25V) Jedec Compliant Input Levels
IINH, IINL, Input Current
-1
1
µA
CIN, Input Capacitance2
10
pF
CMOS LOGIC OUTPUTS
SDO, CPOX
VOH, Output High Voltage
DVCC – 0.4
V
VOL, Output Low Voltage
0.4
V
IOL = 500 µA
Tristate leakage current
-1
1
µA
Output Capacitance2
10
pF
OPEN DRAIN LOGIC OUTPUTS
BUSY, TMPALM, CGALM
VOL, Output Low Voltage
0.4
V
IOL = 500 µA, CL = 50pF, RPULLUP = 1kΩ
Output Capacitance2
10
pF
LVDS INTERFACE LOGIC
LOGIC INPUTS – Reduced Range Link
Input Voltage Range
875
1575
mV
Input Differential Threshold
-100
100
mV
External Termination Resistance
80
100
120
Ω
Differential Input Voltage
100
mV
LOGIC OUTPUTS – Reduced Range Link
Output Offset Voltage
1200
mV
Output Differential Voltage
400
mV
NOISE PERFORMANCE
NSD of Measure Voltage In-Amp
TBD
nV/√Hz
@ 1kHz, measured at MEASOUT
NSD of Measure Current In-Amp
TBD
nV/√Hz
@ 1kHz, measured at MEASOUT
NSD of Force Amplifier
TBD
nV/√Hz
@ 1kHz, measured at FOH
POWER SUPPLIES
AVDD
10
28
V
| AVDD–AVSS|
≤ 33V
AVSS
-5
-23
V
DVCC
2.3
5.25
V
AIDD
25
mA
Excluding Load Conditions
AISS
25
mA
Excluding Load Conditions
DICC
3
mA
Max Power Dissipation2
7
W
Power Supply Sensitivity2
From DC to 1kHz
∆Forced Voltage/∆AVDD
-75
dB
∆Forced Voltage/∆AVSS
-75
dB
∆Measured Current/∆AVDD
-75
dB
∆Measured Current/∆AVSS
-75
dB
∆Forced Current/∆AVDD
-75
dB
∆Forced Current/∆AVSS
-75
dB
∆Measured Voltage/∆AVDD
-75
dB
∆Measured Voltage/∆AVSS
-75
dB
∆Forced Voltage/∆DVCC
-90
dB
∆Measured Current/∆DVCC
-90
dB
∆Forced Voltage/∆DVCC
-90
dB
∆Measured Current/∆DVCC
-90
dB
1 Typical specifications are at 25°C and nominal supply, ±15.25V, unless otherwise noted.
2 Guaranteed by design and characterization, not production tested.
FV = Force Voltage, FI = Force Current, MV = Measure Voltage, MI = Measure Current
FSR = Full Scale Range, FSCR = Full Scale Current Range, FS = Full Scale.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com