Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVUZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD5522JSVUZ
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVUZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD5522JSVUZ Datasheet HTML 30Page - Analog Devices AD5522JSVUZ Datasheet HTML 31Page - Analog Devices AD5522JSVUZ Datasheet HTML 32Page - Analog Devices AD5522JSVUZ Datasheet HTML 33Page - Analog Devices AD5522JSVUZ Datasheet HTML 34Page - Analog Devices AD5522JSVUZ Datasheet HTML 35Page - Analog Devices AD5522JSVUZ Datasheet HTML 36Page - Analog Devices AD5522JSVUZ Datasheet HTML 37Page - Analog Devices AD5522JSVUZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
AD5522
Preliminary Technical Data
Rev. PrL | Page 34 of 45
READ REGISTERS
Readback of all the registers in the device is possible via the both SPI and LVDS interfaces. In order to readback data from a register, it is
first necessary to write a “readback” command to tell the device which register is required to readback. See Table 22 to address the
appropriate channel.
Table 22. Read Functions of the AD5522
B28
B27
B26
B25
B24
B23
B22
B21 to B0
SELECTED REGISTER
RD/WR
PMU3
PMU2
PMU1
PMU0
MODE1
MODE0
DATA BITS
CH3
CH2
CH1
CH0
READ FUNCTIONS
1
0
0
0
0
0
0
All zeros
Read from System Control Register
1
0
0
0
0
0
1
All zeros
Read from Comparator Status Registers
1
0
0
0
0
1
0
X
Reserved
1
0
0
0
0
1
1
All zeros
Read from Alarm Status Register
READ ADDRESSED PMU REGISTER – ONLY ONE PMU REGISTER CAN BE READ AT ONE TIME
1
0
0
0
1
0
0
×
×
×
CH0
1
0
0
1
0
0
0
×
×
CH1
×
1
0
1
0
0
0
0
×
CH2
×
×
1
1
0
0
0
0
0
All zeros
CH3
×
×
×
READ ADDRESSED DAC “m” Register – ONLY ONE DAC REGISTER CAN BE READ AT ONE TIME
1
0
0
0
1
0
1
×
×
×
CH0
1
0
0
1
0
0
1
×
×
CH1
×
1
0
1
0
0
0
1
×
CH2
×
×
1
1
0
0
0
0
1
DAC ADDRESS
SEE
Table 21
CH3
×
×
×
READ ADDRESSED DAC “c” Register – ONLY ONE DAC REGISTER CAN BE READ AT ONE TIME
1
0
0
0
1
1
0
×
×
×
CH0
1
0
0
1
0
1
0
×
×
CH1
×
1
0
1
0
0
1
0
×
CH2
×
×
1
1
0
0
0
1
0
DAC ADDRESS
SEE
Table 21
CH3
×
×
×
READ ADDRESSED DAC “x1” Register – ONLY ONE DAC REGISTER CAN BE READ AT ONE TIME
1
0
0
0
1
1
1
×
×
×
CH0
1
0
0
1
0
1
1
×
×
CH1
×
1
0
1
0
0
1
1
×
CH2
×
×
1
1
0
0
0
1
1
DAC ADDRESS
SEE
Table 21
CH3
×
×
×
Once the required channel has been addressed, the device will load the 24 bit Readback data into the MSB positions of the 29 Bit serial
shift register, the five LSB bits will be filled with zeros. SCLK rising edges clock this readback data out on SDO(framed by the SYNC
signal).
A minimum of 24 clock rising edges are required to shift the readback data out of the shift register. If writing a 24-bit word to shift data
out of the device, user must ensure that the 24 bit write is effectively a NOP (No Operation) command. The last 5 bits in the shift register
will always be 00000b, these five bits will become the MSBs of the shift register when the 24 bit write is loaded. To ensure the device
receives a NOP command as outlined in Table 14, the recommended flush command is 0xFFFFFF and no change will be made to any
register within the device.
Readback data may also be shifted out by writing another 29 bit write or read command. If writing a 29-bit command, the readback data
will be MSB data available on SDO, followed by 00000b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com