Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVUZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD5522JSVUZ
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVUZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5522JSVUZ Datasheet HTML 4Page - Analog Devices AD5522JSVUZ Datasheet HTML 5Page - Analog Devices AD5522JSVUZ Datasheet HTML 6Page - Analog Devices AD5522JSVUZ Datasheet HTML 7Page - Analog Devices AD5522JSVUZ Datasheet HTML 8Page - Analog Devices AD5522JSVUZ Datasheet HTML 9Page - Analog Devices AD5522JSVUZ Datasheet HTML 10Page - Analog Devices AD5522JSVUZ Datasheet HTML 11Page - Analog Devices AD5522JSVUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
AD5522
Preliminary Technical Data
Rev. PrL | Page 8 of 45
TABLE 2. TIMING CHARACTERISTICS
AVDD
≥ 10V, AV
SS
≤ −5V, |AV
DD
– AVSS|
≥ 20V and ≤ 33V, DV
CC
= 2.3V to 5.25V, VREF=5V
(TJ = +25 to +90oC, max specs unless otherwise noted.)
SPI INTERFACE (Figure 5 and Figure 6)
Parameter1, 2, 3
Limit at TMIN, TMAX
Unit
Description
t1
20
ns min
SCLK Cycle Time.
t2
8
ns min
SCLK High Time.
t3
8
ns min
SCLK Low Time.
t4
10
ns min
SYNC Falling Edge to SCLK Falling Edge Setup Time.
t5
15
ns min
Minimum SYNC High Time.
t6
5
ns min
29th SCLK Falling Edge to SYNC Rising Edge.
t7
5
ns min
Data Setup Time.
t8
4.5
ns min
Data Hold Time.
t93
30
ns max
SYNC Rising Edge to BUSY Falling Edge.
t10
1.2
µs max
BUSY Pulse Width Low
t11
20
ns min
29th SLCK Falling EDGE to LOAD Falling Edge
t12
20
ns min
LOAD pulse width low
t13
150
ns min
BUSY rising edge to FOH Output Response time
t14
0
ns min
BUSY rising edge to LOAD falling edge
t15
100
ns max
LOAD rising edge to FOH Output Response time
t16
10
ns min
RESET Pulse Width Low.
t17
300
µs max
RESET Time Indicated by BUSY
Low.
t18
100
ns min
Minimum SYNC High Time in Readback Mode.
t194
25
ns max
SCLK Rising Edge to SDO Valid.
595
ns min
Single channel write time
LVDS INTERFACE (Figure 7)
Parameter1, 2, 3
Limit at TMIN, TMAX
Unit
Description
t1
10
ns min
SCLK Cycle Time.
t2
4
ns min
SCLK Pulse Width High and Low Time.
t3
2
ns min
SYNC to SCLK Setup Time.
t4
2
ns min
Data Setup Time.
t5
2
ns min
Data Hold Time.
t6
2
ns min
SCLK to SYNC Hold Time.
t7
TBD
ns min
SCLK Rising Edge to SDO Valid.
t8
TBD
ns min
SYNC high time
1 Guaranteed by design and characterization, not production tested.
2 All input signals are specified with tr = tf = 2 ns (10% to 90% of VCC) and timed from a voltage level of 1.2 V.
3 See Figure 5 and Figure 6
4 This is measured with circuit the load circuit of Figure 4
TO
OUTPUT
PIN
VCC
RL
2.2k
Ω
CL
50pF
VOL
200µA
200µA
50pF
CL
IOL
IOL
VOH(min)-VOL (max)
2
TO
OUTPUT
PIN
Figure 3.. Load Circuit forCGALM, TMPALM
Figure 4. Load Circuit for SDO, BUSY Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com