Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVUZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD5522JSVUZ
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVUZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5522JSVUZ Datasheet HTML 24Page - Analog Devices AD5522JSVUZ Datasheet HTML 25Page - Analog Devices AD5522JSVUZ Datasheet HTML 26Page - Analog Devices AD5522JSVUZ Datasheet HTML 27Page - Analog Devices AD5522JSVUZ Datasheet HTML 28Page - Analog Devices AD5522JSVUZ Datasheet HTML 29Page - Analog Devices AD5522JSVUZ Datasheet HTML 30Page - Analog Devices AD5522JSVUZ Datasheet HTML 31Page - Analog Devices AD5522JSVUZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
AD5522
Preliminary Technical Data
Rev. PrL | Page 28 of 45
WRITE SYSTEM CONTROL REGISTER
The System Control Register is accessed when the PMU channel address PMU3-PMU0 and Mode Bits, MODE1 and MODE0 are all
zeros. It allows quick setup of different functions within the device. The System Control Register operates on a per device basis.
Table 15. System Control Register Bits
B28
B27
B26
B25
B24
B23
B22
B21
B20
B19
B18
B17
B16
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1/0
Table 16. System Control Register Functions
Bit
Bit name
Description
28
(MSB)
RD/WR
When low, a write function takes place to the selected register, while if the RD/WR bit is set high, this initiates a readback sequence
of PMU, Alarm, Comparator, System Control or DAC register as determined by address bits.
27
PMU3
26
PMU2
25
PMU1
24
PMU0
Bits PMU3 through PMU0 address each of the PMU channels in the device. If all four of this bits are set to zero, the System Control
Register is addressed.
B27
B26
B25
B24
B23
B22
SELECTED REGISTER
PMU3
PMU2
PMU1
PMU0
MODE1
MODE0
CH3
CH2
CH1
CH0
0
0
0
0
0
0
Write to System Control Register
0
0
0
1
×
×
×
CHO
0
0
1
0
×
×
CH1
×
0
0
1
1
×
×
CH1
CH0
0
1
0
0
×
CH2
×
×
-
-
-
-
-
-
-
-
1
0
0
0
CH3
×
×
×
-
-
-
-
-
-
-
-
1
1
1
0
CH3
CH2
CH1
×
1
1
1
1
Select DAC or PMU Registers.
See below
CH3
CH2
CH1
CH0
23
MODE1
22
MODE0
Mode Bits, MODE0 and MODE1 allow addressing of the PMU register or the DAC gain (m), offset (c ) or input register (x1). Set to
Zero to access the System Control Register.
MODE1
MODE0
Action
0
0
System Control Register or PMU Register
0
1
DAC Gain (m) Register
1
0
DAC Offset (c) Register
1
1
DAC Input Data Register, (x1)
SYSTEM CONTROL REGISTER SPECIFIC BITS
21
CL3
20
CL2
19
CL1
18
CL0
Clamp Enable. Bits CL3 through CL0 enable and disable the clamp function per channel. A “0” disables, while a “1” enables. The
clamp enable function is also available in the PMU register on a per channel basis. This dual functionality allows flexible enable or
disabling of this function. When reading back information on the status of the clamp enable function, what was most recently
written to the clamp register is available in the readback word from either PMU or System Control Registers.
17
CPOLH3
16
CPOLH2
15
CPOLH1
14
CPOLH0
Comparator Output Enable. By default the comparator outputs are hi-Z on power on. A “1” in each bit position enables the
comparator output for the selected channel. The CPBIASEN (Bit 13) must be enabled to power on the comparator functions. The
comparator enable function is also available in the PMU register on a per channel basis. This dual functionality allows flexible
enable or disabling of this function. When reading back information on the status of the comparator enable function, what was
most recently written to the comparator register is available in the readback word from either PMU or System Control Registers.
13
CPBIASEN
Comparator Enable. By default the comparators are powered down on power on. To enable the comparator function for all
channels, write a “1” to the CPBIASEN bit. A “0” disabled the comparators and shuts them down. Comparator Output Enables bits
(CPOLHx) allow the user to switch on each comparator output individually, enabling bussing of comparator outputs.
12
DUTGND/CH
DUTGND per channel enable. The GUARDIN(0-3)/DUTGND(0-3) pins are shared pin functions and may be configured to enable a
DUTGND per PMU channel or GUARD input per PMU channel. Setting this bit to “1” enables DUTGND per channel. In this mode, this
pin now functions as a DUTGND pin on a per channel basis. The guard inputs are disconnected from this pin and instead connected
directly to the MEASVH line by an internal connection. Default power on condition is GUARDIN(0-3).
11
GUARD ALM
10
CLAMP ALM
Clamp and Guard Alarm Function share one open drain CGALM alarm pin. By default, the CGALM pin is disabled. Bits GUARD ALM
and CLAMP ALM allow the user to choose if they only wish to have both or either information flagged to the CGALM pin. Set high to
enable either alarm function.
9
INT10K
Internal Sense Short, INT10K. Setting this bit high allows the user to connect in an internal sense short resistor of 10kΩ between the
FOH and the MEASVH lines, (closes SW 7), it also closes SW 15, connecting another 10 kΩ resistor between DUTGND and AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com