Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVUZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD5522JSVUZ
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVUZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD5522JSVUZ Datasheet HTML 33Page - Analog Devices AD5522JSVUZ Datasheet HTML 34Page - Analog Devices AD5522JSVUZ Datasheet HTML 35Page - Analog Devices AD5522JSVUZ Datasheet HTML 36Page - Analog Devices AD5522JSVUZ Datasheet HTML 37Page - Analog Devices AD5522JSVUZ Datasheet HTML 38Page - Analog Devices AD5522JSVUZ Datasheet HTML 39Page - Analog Devices AD5522JSVUZ Datasheet HTML 40Page - Analog Devices AD5522JSVUZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
Preliminary Technical Data
AD5522
Rev. PrL | Page 37 of 45
READBACK OF ALARM STATUS REGISTER
The Alarm Status register is a READ only register that gives information on temperature, clamp and guard alarm events. In the event the
Guard and Clamp alarm functions are not used, (the alarm function may be switched off in the System Control Register). In this case, the
Temperature alarm status is also available in the contents of any of the four PMU readback registers.
Table 26. Alarm Status Readback Register
Bit
Bit name
Description
23 (MSB)
MODE1
1
22
MODE0
1
ALARM STATUS READBACK REGISTER SPECIFIC BITS
21
LTMPALM
20
TMPALM
TMPALM corresponds to the open drain TMPALM output pin which flags the user of a temperature event
exceeding the default or user programmed level. The temperature alarm is a per device alarm, and latched
(LTMPALM) and unlatched (TMPALM) bits tell a temperature event occurred and if the alarm still exists (if
the junction temperature still exceeds the programmed alarm level). To reset an alarm event, the user
must write to the CLEAR bit in the PMU register.
19
LG0
18
G0
17
LG1
16
G1
15
LG2
14
G2
13
LG3
12
G3
LGx is the per channel latched Guard Alarm bit and Gx is an unlatched alarm bit. These bits give
information on which channel flagged an alarm on the open drain alarm CGALM pin and if the alarm
condition still exists.
11
LC0
10
C0
9
LC1
8
C1
7
LC2
6
C2
5
LC3
4
C3
LCx is a per channel latched Clamp alarm bit and Cx is the unlatched alarm bit. These bits give
information on which channel flagged an alarm on the open drain alarm CGALM pin and if the alarm
condition still exists.
3 to 0 (LSB)
Unused Readback bits
Will be loaded with zeros.
READBACK OF DAC REGISTER
The DAC readback function is a 24 bit word, mode, address and DAC data bits.
Table 27. DAC Register Readback
Bit
Bit name
Description
23 (MSB)
MODE1
0
22
MODE0
0
DAC READBACK REGISTER SPECIFIC BITS
21 to 16
A5, A4, A3, A2, A1
Address Bits indicating the DAC register that is read.
15 to 0 (LSB)
D15 to D0
Contents of the addressed DAC register (x1, m or c).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com