Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVUZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD5522JSVUZ
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVUZ Datasheet(HTML) 4 Page - Analog Devices

  AD5522JSVUZ Datasheet HTML 1Page - Analog Devices AD5522JSVUZ Datasheet HTML 2Page - Analog Devices AD5522JSVUZ Datasheet HTML 3Page - Analog Devices AD5522JSVUZ Datasheet HTML 4Page - Analog Devices AD5522JSVUZ Datasheet HTML 5Page - Analog Devices AD5522JSVUZ Datasheet HTML 6Page - Analog Devices AD5522JSVUZ Datasheet HTML 7Page - Analog Devices AD5522JSVUZ Datasheet HTML 8Page - Analog Devices AD5522JSVUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
AD5522
Preliminary Technical Data
Rev. PrL | Page 4 of 45
SPECIFICATIONS
Table 1. AVDD
≥ 10V, AV
SS
≤ −5V, |AV
DD
– AVSS|
≥ 20V and ≤ 33V, DV
CC
= 2.3V to 5.25V, VREF=5V, Gain (m), Offset (c) and DAC Offset
registers at default values (TJ = +25 to +90oC, max specs unless otherwise noted.)
Parameter
Min
Typ1
Max
Units
Test Conditions/Comments
FORCE VOLTAGE
FOH Output Voltage Range
AVSS+4
AVDD-4
V
All current ranges from FOH at full scale current. Includes
±1V dropped across sense resistor
EXTFOH Output Voltage Range
AVSS+3
AVDD-3
V
External high current range at full scale current. Does not
include ±1V dropped across sense resistor
Output Voltage Span
22.5
V
Offset Error
-100
100
mV
Offset Error Tempco2
±100
µV/oC
Gain Error
-0.5
0.5
%
Gain Error Tempco2
±10
ppm/oC
Linearity Error
-0.02
0.02
% FSR
FSR = Fullscale Range. ±10 V range, Gain and offset errors
calibrated out.
Short Circuit Current Limit2
-120
120
mA
On 64mA range.
-10
10
mA
In all other ranges.
MEASURE CURRENT
MEASURE = (IDUT X RSENSE x GAIN)
Offset Error
-1
1
%
V(Rsense)= ±1V
Offset Error Tempco2
±10
µV/oC
Gain Error
-1
1
%
Instrumentation Amp Gain = 5 or 10
Gain Error Tempco2
25
ppm/oC
Linearity Error
-0.01
0.01
% FSCR
Offset and Gain errors calibrated out
Output Voltage Span2
22.5
V
CM Error
-0.005
0.005
%FSCR/V
% of FS Change at measure output per V change in DUT
voltage
Measure Current Ranges
±5
µA
Set using internal sense resistor
±20
µA
Set using internal sense resistor
±200
µA
Set using internal sense resistor
±2
mA
Set using internal sense resistor
Up to ±64
mA
Set using external sense resistor, internal amplifier can
drive to 64mA
FORCE CURRENT
Voltage Compliance, FOH
AVSS+4
AVDD-4
V
Voltage Compliance, EXTFOH
AVSS+3
AVDD-3
V
Offset Error
-2
2
%FSCR
Offset Error Tempco2
±10
ppm FS/
oC
Gain Error
-0.5
0.5
%
Gain = 1
Gain Error Tempco2
±25
ppm/oC
Linearity Error
-0.02
0.02
% FSCR
CM Error
-0.005
0.005
%FSCR/V
% of FS Change at measure output per V change in DUT
voltage
Force Current Ranges
±5
µA
Set using internal sense resistor, 200kΩ
±20
µA
Set using internal sense resistor, 50kΩ
±200
µA
Set using internal sense resistor, 5kΩ
±2
mA
Set using internal sense resistor, 500Ω
Up to ±64
mA
Set using external sense resistor, internal amplifier can
drive to 64mA
MEASURE VOLTAGE
Measure Voltage Range
AVDD-4
V
AVSS+4
V
Offset Error
-10
10
mV
Offset Error Tempco2
±10
µV/oC
Gain Error
-0.5
0.5
% FSR
Gain = 1
Gain Error Tempco2
±10
ppm/oC
Linearity Error
-0.01
0.01
% FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com