Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVUZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD5522JSVUZ
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVUZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD5522JSVUZ Datasheet HTML 36Page - Analog Devices AD5522JSVUZ Datasheet HTML 37Page - Analog Devices AD5522JSVUZ Datasheet HTML 38Page - Analog Devices AD5522JSVUZ Datasheet HTML 39Page - Analog Devices AD5522JSVUZ Datasheet HTML 40Page - Analog Devices AD5522JSVUZ Datasheet HTML 41Page - Analog Devices AD5522JSVUZ Datasheet HTML 42Page - Analog Devices AD5522JSVUZ Datasheet HTML 43Page - Analog Devices AD5522JSVUZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
AD5522
Preliminary Technical Data
Rev. PrL | Page 40 of 45
REQUIRED EXTERNAL COMPONENTS
The minimum required external components are shown in the
block diagram below. Decoupling will be very dependent on the
type of supplies used, other decoupling on the board and the
noise in the system. It is possible more or less decoupling may
be required as a result.
DUTGND
DUT
EXTMEASIH3
EXTMEASIL3
FOH3
EXTFOH3
AVSS AVDD
CCOMP(0-3)
VREF
up to
64mA
DVCC
MEASVH3
CFF3
REF
AVSS AVDD DVCC
0.1
µF
0.1
µF
0.1
µF
DUT
EXTMEASIH2
EXTMEASIL2
FOH2
EXTFOH2
up to
64mA
MEASVH2
CFF2
DUT
EXTMEASIH0
EXTMEASIL0
FOH0
EXTFOH0
up to
64mA
MEASVH0
CFF0
DUT
EXTMEASIH1
EXTMEASIL1
FOH1
EXTFOH1
up to
64mA
MEASVH1
CFF1
10
µF
10
µF
10
µF
0.1
µF
Figure 19. External components required for use with this PMU device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com