Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7342BSTZ Datasheet(PDF) 30 Page - Analog Devices

Part # ADV7342BSTZ
Description  Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7342BSTZ Datasheet(HTML) 30 Page - Analog Devices

Back Button ADV7342BSTZ Datasheet HTML 26Page - Analog Devices ADV7342BSTZ Datasheet HTML 27Page - Analog Devices ADV7342BSTZ Datasheet HTML 28Page - Analog Devices ADV7342BSTZ Datasheet HTML 29Page - Analog Devices ADV7342BSTZ Datasheet HTML 30Page - Analog Devices ADV7342BSTZ Datasheet HTML 31Page - Analog Devices ADV7342BSTZ Datasheet HTML 32Page - Analog Devices ADV7342BSTZ Datasheet HTML 33Page - Analog Devices ADV7342BSTZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
ADV7342/ADV7343
Rev. 0 | Page 30 of 88
Table 17. Register 0x12 to Register 0x17
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0x12
Pixel Port Readback (S Bus)
S[7:0] Readback.
x
x
x
x
x
x
x
x
Read only
0xXX
0x13
Pixel Port Readback (Y Bus)
Y[7:0] Readback.
x
x
x
x
x
x
x
x
Read only
0xXX
0x14
Pixel Port Readback (C Bus)
C[7:0] Readback.
x
x
x
x
x
x
x
x
Read only
0xXX
P_BLANK.
x
0xXX
P_VSYNC.
x
P_HSYNC.
x
S_VSYNC.
x
S_HSYNC.
x
SFL/MISO.
x
0x16
Control Port Readback
Reserved.
0
0
Read only
Reserved.
0
0x00
0
Software Reset.
1
Writing a 1 resets the device;
this is a self-clearing bit
0x17
Software Reset
Reserved.
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com