Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7342BSTZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADV7342BSTZ
Description  Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7342BSTZ Datasheet(HTML) 5 Page - Analog Devices

  ADV7342BSTZ Datasheet HTML 1Page - Analog Devices ADV7342BSTZ Datasheet HTML 2Page - Analog Devices ADV7342BSTZ Datasheet HTML 3Page - Analog Devices ADV7342BSTZ Datasheet HTML 4Page - Analog Devices ADV7342BSTZ Datasheet HTML 5Page - Analog Devices ADV7342BSTZ Datasheet HTML 6Page - Analog Devices ADV7342BSTZ Datasheet HTML 7Page - Analog Devices ADV7342BSTZ Datasheet HTML 8Page - Analog Devices ADV7342BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
ADV7342/ADV7343
Rev. 0 | Page 5 of 88
SPECIFICATIONS
POWER SUPPLY AND VOLTAGE SPECIFICATIONS
All specifications TMIN to TMAX (−40°C to +85°C), unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
SUPPLY VOLTAGES
VDD
1.71
1.8
1.89
V
VDD_IO
2.97
3.3
3.63
V
PVDD
1.71
1.8
1.89
V
VAA
2.6
3.3
3.465
V
POWER SUPPLY REJECTION RATIO
0.002
%/%
VOLTAGE REFERENCE SPECIFICATIONS
All specifications TMIN to TMAX (−40°C to +85°C), unless otherwise noted.
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
Internal Reference Range, VREF
1.186
1.248
1.31
V
External Reference Range, VREF
1.15
1.235
1.31
V
External VREF Current1
±10
μA
1 External current required to overdrive internal VREF.
INPUT CLOCK SPECIFICATIONS
VDD = 1.71 V to 1.89 V. PVDD = 1.71 V to 1.89 V. VAA = 2.6 V to 3.465 V. VDD_IO = 2.97 V to 3.63 V.
All specifications TMIN to TMAX (−40°C to +85°C), unless otherwise noted.
Table 4.
Parameter
Conditions1
Min
Typ
Max
Unit
fCLKIN_A
SD/ED
27
MHz
fCLKIN_A
ED (at 54 MHz)
54
MHz
fCLKIN_A
HD
74.25
MHz
fCLKIN_B
ED
27
MHz
fCLKIN_B
HD
74.25
MHz
CLKIN_A High Time, t9
40
% of one clock cycle
CLKIN_A Low Time, t10
40
% of one clock cycle
CLKIN_B High Time, t9
40
% of one clock cycle
CLKIN_B Low Time, t10
40
% of one clock cycle
CLKIN_A Peak-to-Peak Jitter Tolerance
2
±ns
CLKIN_B Peak-to-Peak Jitter Tolerance
2
±ns
1 SD = standard definition, ED = enhanced definition (525p/625p), HD = high definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com