Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7342BSTZ Datasheet(PDF) 32 Page - Analog Devices

Part # ADV7342BSTZ
Description  Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7342BSTZ Datasheet(HTML) 32 Page - Analog Devices

Back Button ADV7342BSTZ Datasheet HTML 28Page - Analog Devices ADV7342BSTZ Datasheet HTML 29Page - Analog Devices ADV7342BSTZ Datasheet HTML 30Page - Analog Devices ADV7342BSTZ Datasheet HTML 31Page - Analog Devices ADV7342BSTZ Datasheet HTML 32Page - Analog Devices ADV7342BSTZ Datasheet HTML 33Page - Analog Devices ADV7342BSTZ Datasheet HTML 34Page - Analog Devices ADV7342BSTZ Datasheet HTML 35Page - Analog Devices ADV7342BSTZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
ADV7342/ADV7343
Rev. 0 | Page 32 of 88
Table 19. Register 0x31 to Register 0x33
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0
Pixel data valid off.
0x00
ED/HD Pixel Data Valid.
1
Pixel data valid on.
Reserved.
0
0
ED/HD test pattern off.
ED/HD Test Pattern Enable.
1
ED/HD test pattern on.
0
Hatch.
ED/HD Test Pattern Hatch/Field.
1
Field/frame.
0
Disabled.
ED/HD VBI Open.
1
Enabled.
0
0
Disabled.
0
1
−11 IRE
1
0
−6 IRE
ED/HD Undershoot Limiter.
1
1
−1.5 IRE
0
Disabled.
0x31
ED/HD Mode
Register 2
ED/HD Sharpness Filter.
1
Enabled.
0
0
0
0 clock cycles.
0x00
0
0
1
1 clock cycle.
0
1
0
2 clock cycles.
0
1
1
3 clock cycles.
ED/HD Y Delay with Respect to Falling
Edge of HSYNC.
1
0
0
4 clock cycles.
0
0
0
0 clock cycles.
0
0
1
1 clock cycle.
0
1
0
2 clock cycles.
0
1
1
3 clock cycles.
ED/HD Color Delay with Respect to
Falling Edge of HSYNC.
1
0
0
4 clock cycles.
0
Disabled.
ED/HD CGMS.
1
Enabled.
0
Disabled.
0x32
ED/HD Mode
Register 3
ED/HD CGMS CRC.
1
Enabled.
0
Cb after falling edge of HSYNC.
0x68
ED/HD Cr/Cb Sequence.
1
Cr after falling edge of HSYNC.
Reserved.
0
0
0 must be written to these bits.
0
Disabled.
Sinc Compensation Filter on DAC 1,
DAC 2, DAC 3.
1
Enabled.
Reserved.
0
0 must be written to this bit.
0
Disabled.
ED/HD Chroma SSAF.
1
Enabled.
0
4:4:4
ED/HD Chroma Input.
1
4:2:2
0
Disabled.
0x33
ED/HD Mode
Register 4
ED/HD Double Buffering.
1
Enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com