Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7342BSTZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADV7342BSTZ
Description  Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7342BSTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADV7342BSTZ Datasheet HTML 15Page - Analog Devices ADV7342BSTZ Datasheet HTML 16Page - Analog Devices ADV7342BSTZ Datasheet HTML 17Page - Analog Devices ADV7342BSTZ Datasheet HTML 18Page - Analog Devices ADV7342BSTZ Datasheet HTML 19Page - Analog Devices ADV7342BSTZ Datasheet HTML 20Page - Analog Devices ADV7342BSTZ Datasheet HTML 21Page - Analog Devices ADV7342BSTZ Datasheet HTML 22Page - Analog Devices ADV7342BSTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 88 page
background image
ADV7342/ADV7343
Rev. 0 | Page 19 of 88
Pin No.
Mnemonic
Input/
Output
Description
36
RSET2
I
This pin is used to control the amplitudes of the DAC 4, DAC 5, and DAC 6 outputs. A 4.12 kΩ
resistor must be connected from RSET2 to AGND.
45, 35
COMP1,
COMP2
O
Compensation Pins. Connect a 2.2 nF capacitor from both COMP pins to VAA.
44, 43, 42
DAC 1, DAC 2,
DAC 3
O
DAC Outputs. Full and low drive capable DACs.
39, 38, 37
DAC 4, DAC 5,
DAC 6
O
DAC Outputs. Low drive only capable DACs.
21
SCL/MOSI
I
Multifunctional Pin: I2C Clock Input/SPI Data Input.
20
SDA/SCLK
I/O
Multifunctional Pin: I2C Data Input/Output. Also, SPI clock input.
19
ALSB/SPI_SS
I
Multifunctional Pin: This signal sets up the LSB2 of the MPU I2C address. Also, SPI slave select.
46
VREF
Optional External Voltage Reference Input for DACs or Voltage Reference Output.
41
VAA
P
Analog Power Supply (3.3 V).
10, 56
VDD
P
Digital Power Supply (1.8 V). For dual-supply configurations, VDD can be connected to other 1.8 V
supplies through a ferrite bead or suitable filtering.
1
VDD_IO
P
Input/Output Digital Power Supply (3.3 V).
34
PVDD
P
PLL Power Supply (1.8 V). For dual-supply configurations, PVDD can be connected to other 1.8 V
supplies through a ferrite bead or suitable filtering.
33
EXT_LF1
I
External Loop Filter for On-Chip PLL 1.
31
EXT_LF2
I
External Loop Filter for On-Chip PLL 2.
32
PGND
G
PLL Ground Pin.
40
AGND
G
Analog Ground Pin.
11, 57
DGND
G
Digital Ground Pin.
64
GND_IO
G
Input/Output Supply Ground Pin.
1 ED = enhanced definition = 525p and 625p.
2 LSB = least significant bit. In the ADV7342, setting the LSB to 0 sets the I2C address to 0xD4. Setting it to 1 sets the I2C address to 0xD6. In the ADV7343, setting the
LSB to 0 sets the I2C address to 0x54. Setting it to 1 sets the I2C address to 0x56.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com