Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7342BSTZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADV7342BSTZ
Description  Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7342BSTZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADV7342BSTZ Datasheet HTML 21Page - Analog Devices ADV7342BSTZ Datasheet HTML 22Page - Analog Devices ADV7342BSTZ Datasheet HTML 23Page - Analog Devices ADV7342BSTZ Datasheet HTML 24Page - Analog Devices ADV7342BSTZ Datasheet HTML 25Page - Analog Devices ADV7342BSTZ Datasheet HTML 26Page - Analog Devices ADV7342BSTZ Datasheet HTML 27Page - Analog Devices ADV7342BSTZ Datasheet HTML 28Page - Analog Devices ADV7342BSTZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
ADV7342/ADV7343
Rev. 0 | Page 25 of 88
MPU PORT DESCRIPTION
Devices such as a microprocessor can communicate with the
ADV7342/ADV7343 through one of the following protocols:
•
2-wire serial (I2C-compatible) bus
•
4-wire serial (SPI-compatible) bus
After power-up or reset, the MPU port is configured for I2C
operation. SPI operation can be invoked at any time by
following the procedure outlined in the SPI Operation section.
I2C OPERATION
The ADV7342/ADV7343 support a 2-wire serial (I2C-compatible)
microprocessor bus driving multiple peripherals. This port
operates in an open-drain configuration. Two inputs, serial data
(SDA) and serial clock (SCL), carry information between any
device connected to the bus and the ADV7342/ADV7343. Each
slave device is recognized by a unique address. The ADV7342/
ADV7343 have four possible slave addresses for both read and
write operations. These are unique addresses for each device
and are illustrated in Figure 48. The LSB either sets a read or
write operation. Logic 1 corresponds to a read operation, while
Logic 0 corresponds to a write operation. A1 is controlled by
setting the ALSB/SPI_SS pin of the ADV7342/ADV7343 to
Logic 0 or Logic 1.
1
1
0
1
0
1
A1
X
ADDRESS
CONTROL
SET UP BY
ALSB/SPI_SS
READ/WRITE
CONTROL
0
WRITE
1
READ
Figure 48. ADV7342 Slave Address = 0xD4 or 0xD6
To control the various devices on the bus, use the following
protocol. The master initiates a data transfer by establishing
a start condition, defined by a high-to-low transition on SDA
while SCL remains high. This indicates that an address/data
stream follows. All peripherals respond to the start condition
and shift the next eight bits (7-bit address + R/W bit). The bits
are transferred from MSB down to LSB. The peripheral that
recognizes the transmitted address responds by pulling the data
line low during the ninth clock pulse. This is known as an
acknowledge bit. All other devices withdraw from the bus at
this point and maintain an idle condition. The idle condition
occurs when the device monitors the SDA and SCL lines
waiting for the start condition and the correct transmitted
address. The R/W bit determines the direction of the data.
Logic 0 on the LSB of the first byte means that the master writes
information to the peripheral. Logic 1 on the LSB of the first byte
means that the master reads information from the peripheral.
The ADV7342/ADV7343 act as a standard slave device on the
bus. The data on the SDA pin is eight bits long, supporting the
7-bit addresses plus the R/W bit. It interprets the first byte as
the device address and the second byte as the starting
subaddress. There is a subaddress auto-increment facility. This
allows data to be written to or read from registers in ascending
subaddress sequence starting at any valid subaddress. A data
transfer is always terminated by a stop condition. The user can
also access any unique subaddress register on a one-by-one
basis without updating all the registers.
Stop and start conditions can be detected at any stage during the
data transfer. If these conditions are asserted out of sequence with
normal read and write operations, they cause an immediate
jump to the idle condition. During a given SCL high period, the
user should issue only a start condition, a stop condition, or a
stop condition followed by a start condition. If an invalid
subaddress is issued by the user, the ADV7342/ADV7343 do
not issue an acknowledge and do return to the idle condition. If
the user utilizes the auto-increment method of addressing the
encoder and exceeds the highest subaddress, the following
actions are taken:
•
In read mode, the highest subaddress register contents are
output until the master device issues a no acknowledge.
This indicates the end of a read. A no acknowledge
condition occurs when the SDA line is not pulled low on
the ninth pulse.
•
In write mode, the data for the invalid byte is not loaded
into any subaddress register, a no acknowledge is issued by
the ADV7342/ADV7343, and the parts return to the idle
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com