Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7342BSTZ Datasheet(PDF) 44 Page - Analog Devices

Part # ADV7342BSTZ
Description  Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7342BSTZ Datasheet(HTML) 44 Page - Analog Devices

Back Button ADV7342BSTZ Datasheet HTML 40Page - Analog Devices ADV7342BSTZ Datasheet HTML 41Page - Analog Devices ADV7342BSTZ Datasheet HTML 42Page - Analog Devices ADV7342BSTZ Datasheet HTML 43Page - Analog Devices ADV7342BSTZ Datasheet HTML 44Page - Analog Devices ADV7342BSTZ Datasheet HTML 45Page - Analog Devices ADV7342BSTZ Datasheet HTML 46Page - Analog Devices ADV7342BSTZ Datasheet HTML 47Page - Analog Devices ADV7342BSTZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
ADV7342/ADV7343
Rev. 0 | Page 44 of 88
INPUT CONFIGURATION
The ADV7342/ADV7343 support a number of different input
modes. The desired input mode is selected using Subaddress
0x01, Bits[6:4]. The ADV7342/ADV7343 default to standard
definition only (SD only) upon power-up. Table 31 provides an
overview of all possible input configurations. Each input mode
is described in detail in the following sections.
STANDARD DEFINITION ONLY
Subaddress 0x01, Bits[6:4] = 000
Standard definition (SD) YCrCb data can be input in 4:2:2 format.
Standard definition (SD) RGB data can be input in 4:4:4 format.
A 27 MHz clock signal must be provided on the CLKIN_A pin.
Input synchronization signals are provided on the S_HSYNC
and S_VSYNC pins.
8-Bit 4:2:2 YCrCb Mode
Subaddress 0x87, Bit 7 = 0; Subaddress 0x88, Bit 3 = 0
In 8-bit 4:2:2 YCrCb input mode, the interleaved pixel data is
input on Pin S7 to Pin S0 (or Pin Y7 to Pin Y0, depending on
Subaddress 0x01, Bit 7), with S0/Y0 being the LSB. The ITU-R
BT.601/656 input standard is supported.
16-Bit 4:2:2 YCrCb Mode
Subaddress 0x87, Bit 7 = 0; Subaddress 0x88, Bit 3 = 1
In 16-bit 4:2:2 YCrCb input mode, the Y pixel data is input on
Pin S7 to Pin S0 (or Pin Y7 to Pin Y0, depending on Subaddress
0x01, Bit 7), with S0/Y0 being the LSB.
The CrCb pixel data is input on Pin Y7 to Pin Y0 (or Pin C7 to
Pin C0, depending on Subaddress 0x01, Bit 7), with Y0/C0
being the LSB.
24-Bit 4:4:4 RGB Mode
Subaddress 0x87, Bit 7 = 1
In 24-bit 4:4:4 RGB input mode, the red pixel data is input on
Pin S7 to Pin S0, the green pixel data is input on Pin Y7 to
Pin Y0, and the blue pixel data is input on Pin C7 to Pin C0.
S0, Y0, and C0 are the respective bus LSBs.
Table 31. Input Configuration
S
Y
C
Input Mode1
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
000
SD Only
Y/C/S Bus Swap (0x01[7]) = 0
8-Bit YCrCb2
YCrCb
16-Bit YCrCb2, 3
Y
CrCb
Y/C/S Bus Swap (0x01[7]) = 1
8-Bit YCrCb2
YCrCb
16-Bit YCrCb2, 3
Y
CrCb
SD RGB Input Enable (0x87[7]) = 1
24-Bit RGB3
R
G
B
001
ED/HD-SDR Only4, 5
ED/HD RGB Input Enable (0x35[1]) = 0
16-Bit YCrCb
Y
CrCb
24-Bit YCrCb
Cr
Y
Cb
ED/HD RGB Input Enable (0x35[1]) = 1
24-Bit RGB3
R
G
B
010
ED/HD-DDR Only (8-Bit)5
YCrCb
011
SD and ED/HD-SDR (24-Bit)5
YCrCb (SD)
Y (ED/HD)
CrCb (ED/HD)
100
SD and ED/HD-DDR (16-Bit)5
YCrCb (SD)
YCrCb (ED/HD)
111
ED Only (54 MHz) (8-Bit)5
YCrCb
1 The input mode is determined by Subaddress 0x01, Bits[6:4].
2 In SD only (YCrCb) mode, the format of the input data is determined by Subaddress 0x88, Bits[4:3]. See Table 26 for more information.
3 External synchronization signals must be used in this input mode. Embedded EAV/SAV timing codes are not supported.
4 In ED/HD-SDR only (YCrCb) mode, the format of the input data is determined by Subaddress 0x33, Bit 6. See Table 19 for more information.
5 ED = enhanced definition = 525p and 625p.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com