Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM452 Datasheet(PDF) 18 Page - WOLFSPEED, INC.

Part # AM452
Description  Voltage-to-current transducer IC with a differential input
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM452 Datasheet(HTML) 18 Page - WOLFSPEED, INC.

Back Button AM452 Datasheet HTML 13Page - WOLFSPEED, INC. AM452 Datasheet HTML 14Page - WOLFSPEED, INC. AM452 Datasheet HTML 15Page - WOLFSPEED, INC. AM452 Datasheet HTML 16Page - WOLFSPEED, INC. AM452 Datasheet HTML 17Page - WOLFSPEED, INC. AM452 Datasheet HTML 18Page - WOLFSPEED, INC. AM452 Datasheet HTML 19Page - WOLFSPEED, INC. AM452 Datasheet HTML 20Page - WOLFSPEED, INC. AM452 Datasheet HTML 21Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
AM452 – Voltage-to-current transducer IC
with a differential input
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
February 2008 - Rev 1.2 - Page 18/21
Phone: +49 (0)6131/91 073-0
Fax:
+49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
By solving the above system of equations and taking the given defaults for the external
components into account, the following values are computed:
R0 = 33Ω
R1 = 74.48kΩ
R2 = 10kΩ
R3 = 89.7kΩ
R4 = 5kΩ
R5 = 39Ω
RL = 0...900Ω
C1 = 2.2µF
C2 = 100nF
In the 2-wire application particular attention must be paid to the overall power consumption
which may not exceed a value of 4mA across the entire temperature range.
Here it is also possible to correct the offset output current using the voltage divider at the SET stage
input.
Offset compensation using a voltage divider at SET stage
The offset value of the output current can be adjusted at the SET pin (pin 16) via voltage
divider R3 and R4 (see Figure 7). If, due to internal offsets and parasites, the output current is
too great by 0.1mA, for example (4.1mA and 20.1mA), the current must be reduced by this
amount, i.e. ISET may only be 3.9mA. In this example and if VREF = 5V Equation (9) yields the
following:
4
3
4
0
2
R
R
R
R
V
I
REF
SET
+
⋅
=
= 3,9mA =
Ω
+
Ω
⋅
Ω
k
R
k
V
5
5
66
5
3
Once R3 has been put through the equation R3 = 92.125kΩ instead of 89.7kΩ. The voltage at
SET (pin 16) is then just 257.4mV instead of 264mV and the output current has been reduced
by 0.1mA.
V
BG
AM452
OP2
1
OP2 als Spannungsreferenz
verschaltet
2
V
CVREF
R
6
R
7
µP
Figure 9: OP2 as a voltage reference
V
BG
AM452
OP2
1
R
S
OP2 als Stromquelle
verschaltet
2
I
S
Figure 8: OP2 as a constant current source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com