Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM452 Datasheet(PDF) 12 Page - WOLFSPEED, INC.

Part # AM452
Description  Voltage-to-current transducer IC with a differential input
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM452 Datasheet(HTML) 12 Page - WOLFSPEED, INC.

Back Button AM452 Datasheet HTML 8Page - WOLFSPEED, INC. AM452 Datasheet HTML 9Page - WOLFSPEED, INC. AM452 Datasheet HTML 10Page - WOLFSPEED, INC. AM452 Datasheet HTML 11Page - WOLFSPEED, INC. AM452 Datasheet HTML 12Page - WOLFSPEED, INC. AM452 Datasheet HTML 13Page - WOLFSPEED, INC. AM452 Datasheet HTML 14Page - WOLFSPEED, INC. AM452 Datasheet HTML 15Page - WOLFSPEED, INC. AM452 Datasheet HTML 16Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AM452 – Voltage-to-current transducer IC
with a differential input
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
February 2008 - Rev 1.2 - Page 12/21
Phone: +49 (0)6131/91 073-0
Fax:
+49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
Selecting the supply voltage
"System" supply voltage VS needed to operate AM452 is dependent on the selected mode of
operation. The word "system" here refers to the IC plus its external circuitry.
When using current output pin 8 (IOUT) in conjunction with the external transistor VS is
dependent on the relevant load resistor RL used by the application. The following is then
applicable to the minimum system supply voltage VS:
min
max
CC
L
OUT
S
V
R
I
V
+
≥
(7)
Here, IOUTmax stands for the maximum output current and VCCmin for the minimum IC supply
voltage which is dependent on the selected reference voltage:
V
1
min
+
≥
REF
CC
V
V
(8)
For the 3-wire version the load resistance is limited to RLmax = 600Ω due to the condition:
VOUT max = 12V @ VCC ≥ 18V.
Equation 7 is also valid for the 2-wire version; here, however, the RLmax = 600Ω limitation
does not apply. Here, load resistor RLmax = 900Ω when VS = 24V.
Setting the offset and output current range for VIN = 0
When adjusting AM452 a preset should first be made. To this end the offset of the output
current is compensated for, in which the two IA inputs are first short-circuited (VIN = 0) and
then both set to a permitted potential (c.f. CMIR in ELECTRICAL SPECIFICATIONS). With
the short-circuit at the input the following is derived from Equations (3) and (4) when the
voltage divider from R3 and R4 is taken into account for reference voltage VREF (see Figure 2,
for example):
V
S [V]
R
L [Ω]
6
35
V
CCmin = 6V
R
Lmax
= 600Ω
I
OUTmax = 20mA
18
R
VV
I
L
SCCmin
OUTmax
≤
−
24
12
600
Operating range
0
300
0
Figure 5: Working range in conjunction with the load
resistor in 3-wire operation
In Equation (7) of Figure 5
the ohmic resistance of
power supply lines RR is not
taken into consideration. This
is entered as an additive
quantity (IOUT max RR) to the
calculation of VS in Equation
(7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com