Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM452 Datasheet(PDF) 17 Page - WOLFSPEED, INC.

Part # AM452
Description  Voltage-to-current transducer IC with a differential input
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM452 Datasheet(HTML) 17 Page - WOLFSPEED, INC.

Back Button AM452 Datasheet HTML 13Page - WOLFSPEED, INC. AM452 Datasheet HTML 14Page - WOLFSPEED, INC. AM452 Datasheet HTML 15Page - WOLFSPEED, INC. AM452 Datasheet HTML 16Page - WOLFSPEED, INC. AM452 Datasheet HTML 17Page - WOLFSPEED, INC. AM452 Datasheet HTML 18Page - WOLFSPEED, INC. AM452 Datasheet HTML 19Page - WOLFSPEED, INC. AM452 Datasheet HTML 20Page - WOLFSPEED, INC. AM452 Datasheet HTML 21Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
AM452 – Voltage-to-current transducer IC
with a differential input
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
February 2008 - Rev 1.2 - Page 17/21
Phone: +49 (0)6131/91 073-0
Fax:
+49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
Typical 2-wire application with a differential input signal
2) Example 2: VIN = 0...100mV differential, IOUT = 4...20mA (2-wire)
In order to determine the system resistors R0 to R5 must first be determined.
For a measuring bridge with a signal of VIN = 0...100mV (without an offset) at the IA input
the external components in the AM452 circuitry should be dimensioned in such a way that the
output current range is 4...20mA. AM452 is configured in such a way that the entire current,
including the chip's quiescent current, flows through R0 (example for the 2-wire application).
As in Example 1, R2 and R4 can be freely selected within the boundary conditions. In this
example a value of 10kΩ has been chosen for R2, with 5kΩ selected for R4. VREF = 5V. The
value of R0 has been set to 33kΩ. Applying Equations (12) and (13) the values for R1 and R3
are as follows:
(
)
)
5
(
5
33
2
5
33
8
)
10
1
(
5
1
.
0
(
02
.
0
3
1
Ω
+
Ω
⋅
Ω
⋅
+
Ω
⋅
Ω
+
⋅
⋅
=
k
R
k
k
R
V
A
)
5
(
5
33
2
5
004
.
0
3
Ω
+
Ω
⋅
Ω
⋅
=
k
R
k
A
Ground
V
S
I
OUT
R
1
R
2
R
3
R
4
C
1
R
0
T
1
D
1
R
5
R
L
R
SET
C
2
GND
V
BG
IA
14
13
11
16
9
Voltage Reference
1
OP1
3
4
2
AM452
OP2
5
12
8
10
15
G
VI
7
G
SET SET Stage
ZERO Stage
}
V/I Converter
IC ground: GND
System ground: Ground
different
potentials!
2-wire
connection
Figure 7: Typical 2-wire application for differential input signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com