Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM452 Datasheet(PDF) 14 Page - WOLFSPEED, INC.

Part # AM452
Description  Voltage-to-current transducer IC with a differential input
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM452 Datasheet(HTML) 14 Page - WOLFSPEED, INC.

Back Button AM452 Datasheet HTML 10Page - WOLFSPEED, INC. AM452 Datasheet HTML 11Page - WOLFSPEED, INC. AM452 Datasheet HTML 12Page - WOLFSPEED, INC. AM452 Datasheet HTML 13Page - WOLFSPEED, INC. AM452 Datasheet HTML 14Page - WOLFSPEED, INC. AM452 Datasheet HTML 15Page - WOLFSPEED, INC. AM452 Datasheet HTML 16Page - WOLFSPEED, INC. AM452 Datasheet HTML 17Page - WOLFSPEED, INC. AM452 Datasheet HTML 18Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
AM452 – Voltage-to-current transducer IC
with a differential input
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
February 2008 - Rev 1.2 - Page 14/21
Phone: +49 (0)6131/91 073-0
Fax:
+49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
9. For applications where IOUT min > 0mA (e.g. 4mA) in both 2- and 3-wire applications the
following condition applies to the IA input values:
min
max
.
.
OUT
OUT
IA
OS
IA
FS
I
I
V
V
≥
,
where VFS.IA is the maximum input signal and VOS.IA the
positive offset at the input IA.
10. If signal source and/or input amplifier IA have a negative offset this can be compensated
for using corrective voltage VZA and a suitable voltage divider (R6 and R7; see Figure 2).
DIMENSIONING
Two possible dimensioning methods are suggested here.
Dimensioning the external components according to the equations given in the data
sheet
Dimensioning according to the equations given in the data sheet enables all modules to be
used, making it possible for the setup to be adapted to suit the most diverse application
requirements.
As a rule the offset of the AM452 input signal must be taken into account. If an input signal
offset is present and an offset current of IOUT min > 0mA is required, the following boundary
condition then applies:
min
max
.
.
OUT
OUT
IA
OS
IA
FS
I
I
V
V
≥
, where VFS.IA is the maximum input signal and
VOS.IA the positive offset at the input IA (see: chapter before). Should the signal source have a
negative offset, the offset can be set via pin 13 (ZA) and voltage divider R6 and R7 (see Figure
2). Equation (1) forms the basis for all other equations in this particular case.
If the offset is negligible, Equations (9) and (10) apply. See the following applications for
further details.
Dimensioning AM452's external components using an Excel spreadsheet
AM452's external components can also be dimensioned with the help of Excel spreadsheet
Kali_AM452.xls when the input signal is positive (see [3]). The algorithm is such that the
offset output current of 4mA can only be set via pin 13 (ZA) of the zero adjust stage. The SET
stage is not active. The full-scale output current is set to 20mA using the OP1 gain setting.
The calibration process is also based on the condition that the output signal should be a
4...20mA current loop signal in 2-wire operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com