Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM452 Datasheet(PDF) 16 Page - WOLFSPEED, INC.

Part # AM452
Description  Voltage-to-current transducer IC with a differential input
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM452 Datasheet(HTML) 16 Page - WOLFSPEED, INC.

Back Button AM452 Datasheet HTML 12Page - WOLFSPEED, INC. AM452 Datasheet HTML 13Page - WOLFSPEED, INC. AM452 Datasheet HTML 14Page - WOLFSPEED, INC. AM452 Datasheet HTML 15Page - WOLFSPEED, INC. AM452 Datasheet HTML 16Page - WOLFSPEED, INC. AM452 Datasheet HTML 17Page - WOLFSPEED, INC. AM452 Datasheet HTML 18Page - WOLFSPEED, INC. AM452 Datasheet HTML 19Page - WOLFSPEED, INC. AM452 Datasheet HTML 20Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
AM452 – Voltage-to-current transducer IC
with a differential input
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
February 2008 - Rev 1.2 - Page 16/21
Phone: +49 (0)6131/91 073-0
Fax:
+49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
Here, GI is the overall gain of the instrumentation amplifier (IA) and the back-end operational
amplifier (OP1). ISET is the additional offset current which is set using a voltage at the SET
pin and which can raise the output current of the VI/ converter by a constant value.
1) Example 1: VIN = 0...100mV differential, IOUT = 4...20mA (3-wire)
For a measuring bridge with a signal of VIN = 0...100mV (without an offset) at the IA input
the external components should be dimensioned in such a way that output current IOUT is
4...20mA.
If the input signal offset is negligible, resistors R0, R1, R2, R3 and R4 must be determined.
With the two voltage dividers it is sufficient to calculate just one of the two resistors; the other
can be selected within the stipulations given by the boundary conditions. In this example a
value of 5V has been selected for VREF, with 10kΩ chosen for R2 and 5kΩ for R4. With a
current of 20mA the voltage should drop by a typical value of 540mV at resistor R0. The
following is accrued:
V
A
R
54
.
0
02
.
0
0
=
⋅
(13)
With reference to Equations (11) and (12) and the values given in Example 1 the following is
obtained:
(
)
)
5
(
5
2
5
8
)
10
1
(
5
1
.
0
02
.
0
3
0
0
1
Ω
+
Ω
⋅
⋅
+
⋅
Ω
+
⋅
⋅
=
k
R
k
R
V
R
k
R
V
A
)
5
(
5
2
5
004
.
0
3
0
Ω
+
Ω
⋅
⋅
=
k
R
k
R
V
A
By solving the above system of equations and taking the given defaults into account, the
following values are computed for the 3-wire, 4–20mA current interface:
R0 = 27Ω
R1 = 59.12kΩ
R2 = 10kΩ
R3 = 110.74kΩ
R4 = 5kΩ
R5 = 39Ω
RL = 0...600Ω
C1 = 2.2µF
If the offset output current is not exactly 4mA due to component tolerances and deviates from
this value, the voltage can be adjusted at pin 16 (SET) using voltage divider R3 and R4 (see
Figure 7) and the output value thus corrected (c.f.: Offset compensation using a voltage
divider at SET).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com