Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS374T1D-R2 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MC44BS374T1D-R2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS374T1D-R2 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MC44BS374T1D-R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
High Speed I2C Compatible Bus
MC44BS374T1/374T1A Advance Information
17 High Speed I2C Compatible Bus
17.1 Specification Conditions
Unless otherwise specified, Vcc=5.0V, TA=25oC.
17.2 Timing Definitions
Figure 10. SSDA/SSCL Timing
Electrical Characteristics
Symbol
Min
Typ
Max
Unit
Type
SDA / SCL output current at 0V
-5
-2
-
µA
A
SDA / SCL low input level
VIL
-
-
1.5
V
B
SDA / SCL high input level
VIH
2.1
-
-
V
B
SDA/SCL input current for input level from 0.4V to 0.3Vcc
-5
-
5
µA
C
SDA/SCL input level
0
-
Vcc+0,3
V
D
SDA/SCL capacitance
-
-
10
pF
C
ACK low output level (3 mA sinking current)
-
-
0.3
V
C
ACK low output level (9 mA sinking current)
-
-
0.8
V
C
Timing Characteristics
Symbol
Min
Typ
Max
Unit
Type
Bus clock frequency
0
-
800
kHz
C
Bus free time between stop and start
Tbuf
200
-
-
ns
C
Setup time for start condition
Tsu;sta
500
-
-
ns
C
Hold time for start condition
Thd;sta
500
-
-
ns
C
Data setup time
Tsu;dat
0
-
-
ns
C
Data hold time
Thd;dat
0
-
-
ns
C
Setup time for stop condition
Tsu;sto
500
-
-
ns
C
Hold time for stop condition
Thd;sto
500
-
-
ns
C
Acknowledge propagation delay
Tack;low
-
-
300
ns
C
SDA fall time at 3ma sink I and 130pF load
-
-
50
ns
C
SDA fall time at 3ma sink I and 400pF load
-
-
80
ns
C
SDA rise time
SCL fall/rise time
-
-
-
-
300
300
ns
ns
C
C
Pulse width of spikes suppressed by the input filter
-
-
50
ns
C
Tbuf
SSDA
...
...
ACK
Thd;dat
Tsu;dat
Tsu;sto Thd;sta
Tack:low
Start
Stop
SSCL
SCL
SDA
Tsu;sta
Chip Address
SCL
SDA
Thd;sto
Start
Stop
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com