Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS374T1D-R2 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MC44BS374T1D-R2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS374T1D-R2 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MC44BS374T1D-R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Video Characteristics
MC44BS374T1/374T1A Advance Information
13 Video Characteristics
Unless otherwise stated: Vcc=5.0V, Ambient Temperature=25
o C, Video Input 1V
p-p, 10-step grayscale.
RF output into 75Ohm load.
Note:
Specifications only valid for envelope demodulation.
Table 5. Video Performance Characteristics
Parameter
Test Conditions
Min
Typ
Max
Unit
Type
Video bandwidth
Reference 0dB at 100kHz,
measured at 5MHz. See Note 2
-1.5
-0.8
-
dB
C
Video input level
75Ohm load
-
-
1.5
Vcvbs
D
Video input current
-
0.2
1
µA
A
Video input impedance
500
-
-
K
A
Peak White Clip
Video Modulation depth for
video=1.4VCVBS
90.5
94
97.5
%
B
Video S/N for the
MC44BS374T1A
No sound modulation,100% white video
Using CCIR Rec.567 weighting filter
See Figure 5. See Note 2
53
56
-
dB
C
Unweighted. See Note 2
48
53
-
C
Video S/N for the
MC44BS374T1
No sound modulation,100% white video
Using CCIR Rec.567 weighting filter
See Figure 5. See Note 2
53
56
-
dB
C
Unweighted. See Note 2
48
53
-
C
Differential Phase
CCIR Test Line 330, See Note 2
-5
-
5
deg
C
Differential Gain
CCIR Test Line 330, See Note 2
-5
-
5
%
C
Luma/Sync ratio
Input ratio 7.0:3.0
6.8/
3.2
7.0/
3.0
7.2/
2.8
-
B
Video modulation depth
See Figure 5. See Note 2
76
82
88
%
B
Note:
2: See “Characterization Measurement Conditions” on page 15.
Video Signal to Noise
(w ith CCIR Weighting filter)
48
50
52
54
56
58
60
62
471
521
571
621
671
721
771
821
871
Frequency (Mhz)
Minimum specification
Typical
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com