Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS374T1D-R2 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MC44BS374T1D-R2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS374T1D-R2 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MC44BS374T1D-R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
MC44BS374T1/374T1A Advance Information
High Speed I2C Compatible Bus
17.3 Level Definitions
SDA/SCL high and low levels are designed to be compatible with 0-5V and 0-3.3V SDA / SCL signals.
Figure 11. SDA/SCL Levels
17.4 High Speed I2C Compatible Bus Format
Figure 12. I2C Bus Timing
17.5 I2C Write Mode Format and Bus Receiver
It The bus receiver operates the I2C compatible data format. The chip address (I2C bus) is as follows.
In write mode, each ninth data bit (bits 9, 18, 27, 36, and 45) is an acknowledge bit (ACK) during which
the MCU sends a logic 1 and the Modulator circuit answers on the data line by pulling it low. Besides the
chip address, the circuit needs two or four data bytes for operation. The following sequences of data bytes
are the permitted incoming information:
Table 9. Chip Address (I2C Bus)
1 1 0 0 1 0 1 0 (ACK) = $CA (hex) in write mode
Table 10. Permitted Data Bytes (Incoming Information)
Example 1
STA
CA
C1
C0
STO
Example 2
STA
CA
FM
FL
STO
Example 3
STA
CA
C1
C0
FM
FL
STO
Example 4
STA
CA
FM
FL
C1
C0
STO
Note:
STA = Start condition
CA = Chip Address
SDA
...
0V
Vcc
Vih
Vil
dead band
1
2
3
4
5
6
7
8
9 10
14
11 12 13
45
44
15
19
16 17 18
STA
Chip Address ($CA)
ACK
ACK
First Data Byte (C1 or FM)
Data
ACK
Stop
SCL
SDA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com