Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS374T1D-R2 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MC44BS374T1D-R2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS374T1D-R2 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MC44BS374T1D-R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Characterization Measurement Conditions
MC44BS374T1/374T1A Advance Information
Video Differential Gain
Video: 5 step Grey Scale- 1Vpk-pk.
No Audio signal
This is measured using a Rohde &
Schwarz AMFS UHF Demodulator in B/G
(using a CCIR Rec. 567 weighting
network, 100kHz to 5MHz band with
sound trap and envelope detection, and a
Rohde & Schwarz UAF Video Analyzer.
On line CCIR 330 shown below, the video analyzer DG measure
consists of calculating the difference of the Chroma amplitude at the
black level and the different amplitudes at each step of the greyscale.
The largest positive or negative difference indicates the distortion.
The video analyzer method takes the worst step from the first 4 steps.
Video Modulation Depth
No Audio signal
Video: 10 step grey scale
This is measured using a HP8596E Spectrum Analyzer with a TV
Trigger option, allowing demodulation and triggering on any specified
TV Line. The analyzer is centred on the maximum peak of the Video
signal and reduced to zero Hertz span in Linear mode to demodulate
the Video carrier.
The Modulation Depth is calculated as (A-B)/A x 100 in%
Picture to Sound ratio
No Video signal
No Audio Signal
PS” bit set to 0 and 1
Measure in dBc sound carrier in reference to picture carrier
(TVout_Ref) for PS” bit=0 (PS=12dB typical) and for PS” bit=1
(PS=16dB),
Table 7. Measurement Conditions
Device and Signals Set-up
Measurement Set-up
0
1
2
3
4
5
5-step Greyscale with Chroma subcarrier superimposed
(not to scale), line CCIR 330.
DIFF GAIN
=
* 100%
the amplitude at position 0
the largest positive or negative difference
A ( 6-10mV)
B (0.6 - 3mV)
TV Line Demodulated by Spectrum Analyzer-BG standard
A(mV)
B(mV)
Picture carrier
Sound carrier
+5.5Mhz
Fo
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com