Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS374T1D-R2 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MC44BS374T1D-R2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS374T1D-R2 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MC44BS374T1D-R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
High Speed I2C Compatible Bus
MC44BS374T1/374T1A Advance Information
After the chip address, two or four data bytes may be received.
If three data bytes are received, the third one is ignored.
If five or more data bytes are received, the fifth and following ones are ignored, and the last ACK
pulse is sent at the end of the fourth data byte.
The first and third data bytes contain a function bit, which lets the IC distinguish between frequency
information and control information. If the function bit is a logic 1, the two following bytes contain control
information. The first data byte after the chip address, may be byte CO or byte FM. The two bytes of
frequency information are preceded by a logic 0.
17.6 I2C Read Mode Format
The chip address (I2C) is:
The incoming information consists of the read mode chip address byte. The device then answers with an
ACK followed by one byte containing three bits of status information. No acknowledge is answered by the
modulator after this byte.
FM = Frequency information, high order bits
FL = Frequency information, low order bits
C1 = Control information, high order bits
CO = Control information, low order bits
STO = Stop condition
Table 11. Chip Address (I2C Read Mode)
1 1 0 0 1 0 1 1 (ACK) = $CB (hex) in read mode
Table 10. Permitted Data Bytes (Incoming Information)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com