Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS374T1D-R2 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MC44BS374T1D-R2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS374T1D-R2 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MC44BS374T1D-R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC44BS374T1D-R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Application Diagram
MC44BS374T1/374T1A Advance Information
19 Application Diagram
Figure 14. Proposed Application Schematic
Note:
1. Cx value depends on crystal characteristics. Cx = 27pF on Motorola application board.
Note:
2. RF PLL Loop Filter components at pin 14 must be as close as possible to Vccd at pin 15.
Note:
3. Supply voltage decoupling capacitors must be as close as possible to ground.
TVOUT
O
2.2k
22nF
1nF
10nF
47nF
Vcc
This document contains information on a new product under development.
Motorola reserves the right to change or discontinue this product without notice.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SCL
SDA
4MHz
Vcc
Pre-em
O
O
O
GNDD
VCCD
PLLFLT
GND
VIDEO
TVOVCC
SPLLFLT
SDA
SCL
LOP
TVOUT
VCCA
Audio
Video
LOP
10nF
100nF
220nF
100nF
Cx
22nF
470pF
75
XTAL
GND
PREEM
AUDIO
10nF
O
Note 1
15K
Note 2
Note 3
Note 3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com