Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS374T1AD-R2 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MC44BS374T1AD-R2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS374T1AD-R2 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MC44BS374T1AD-R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
MC44BS374T1/374T1A Advance Information
Modes of Operation
For test purposes, it is possible to disable the 263ms delay using Test Mode1-State1.h (this is called speed
up mode).
16.5 UHF Oscillator-VHF range
The UHF oscillator is fully integrated and does not require any external components.
For low frequency testing or VHF range operation (test mode 1, states 1.b to 1.e), the UHF oscillator can
be internally divided by: 2, 4, 8, or 16.
16.6 UHF PLL Section
The reference divider is a fixed divide-by-128, resulting in a reference frequency of 31.25KHz with a
4.0MHz crystal.
The prescaler is a fixed divide-by-8 and is permanently engaged.
The programmable divider division-ratio is controlled by the state of control bits N0 to N11.
The divider-ratio N for a desired frequency F (in MHz) is given by:
with:
NOTE:
Programming a division-ratio N=0 is not allowed.
16.7 Logic Output Port (LOP)
The LOP pin controls any logic function. The primary applications for the LOP are to control an external
attenuator or an external switch, between the antenna input and TV output. A typical attenuator application
with PIN diode is shown in Figure 7. The LOP pin switches the PIN attenuator depending on the signal
strength of the Antenna Input. This reduces the risks of intermodulation in certain areas. The LOP can also
be used as an OFF position bypass switch or for other logic functions in the application.
Figure 7. Typical Attenuator Application with Pin Diode
N
F
8
---
128
4
---------
×
=
N
2048
N11
×
1024
N10
×…… 4 N2
×
2
N1
×
N0
+
+
+++
=
LOP pin
Vcc
TV Out
Antenna
Input
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com