Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS374T1AD-R2 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MC44BS374T1AD-R2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS374T1AD-R2 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MC44BS374T1AD-R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
MC44BS374T1/374T1A Advance Information
Characterization Measurement Conditions
Video Bandwidth
No audio
Video: 600mVpp sinusoidal signal
inserted on the black level of active video
area.
The Video signal is demodulated on the spectrum analyzer, and the
peak level of the 100KHz signal is measured as a reference. The
frequency is then swept from 100KHz to 5MHz, and then the difference
in dB from the 100KHz reference level is measured.
Weighted Video Signal to Noise
Video: 100% White video signal - 1Vpk-
pk.
No Audio signal
This is measured using a Rohde &
Schwarz AMFS UHF Demodulator in B/G
(using a CCIR Rec. 567 weighting
network, 100kHz to 5MHz band with
sound trap and envelope detection, and a
Rohde & Schwarz UAF Video Analyzer.
The Video Analyzer measures the ratio between the amplitude of the
active area of the video signal (700mV) and the noise level in Vrms on
a video black level which is show below.
VideoS/N is calculated as 20 x log(700 /N) in dB.
Unweighted Video Signal to Noise
Same as above with CCIR filter disabled.
Same as above.
Video Differential Phase
Video: 5 step Grey Scale- 1Vpk-pk.
No Audio signal
This is measured using a Rohde &
Schwarz AMFS UHF Demodulator in B/G
(using a CCIR Rec. 567 weighting
network, 100kHz to 5MHz band with
sound trap, and envelope detection, and
a Rohde & Schwarz UAF Video Analyzer.
On line CCIR 330, the video analyzer DP measure consists of
calculating the difference of the Chroma phase at the black level and
the different chroma subcarrier phase angles at each step of the
greyscale. The largest positive or negative difference indicates the
distortion.
The video analyzer method takes the worst step from the first 4 steps.
Table 7. Measurement Conditions
Device and Signals Set-up
Measurement Set-up
N
noise level in Vrms
DIFF PHASE =
* 100%
the phase at position 0
the largest positive or negative difference
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com