Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS374T1AD-R2 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MC44BS374T1AD-R2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS374T1AD-R2 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MC44BS374T1AD-R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Characterization Measurement Conditions
MC44BS374T1/374T1A Advance Information
Chroma/Sound Intermodulation
No audio signal
Video: 700m Vpp 100 kHz sinusoidal
signal inserted on the black level of
active video area.This is generated using
a Rohde & Schwarz Video Generator
SAF and inserting the required frequency
from a RF Signal generator.
Measure in dBc, in reference to picture carrier (TVout_Ref),
intermodulation product at channel frequency plus the sound carrier
frequency (+5,5 MHz) minus the chroma frequency (-4,43 MHz),
resulting in the following spectrum.
Intermodulation product is at the channel frequency +1,07 MHz.
Picture Carrier Harmonics
No Video signal
No Audio signal
Measure in dBc, in reference to picture carrier (TVout_Ref), second
and third harmonic of channel frequency, resulting in the following
spectrum.
Out of Band Spurious
No Video signal
No Audio signal
Measure in dBuV spurious levels at 0.25, 0.5, 0.75 and 1.5 times
channel frequency, resulting in the following spectrum
Measure from 40MHz to 1GHz
.
In Band Spurious
No Video signal
No Audio signal
Measure in dBc, in reference to picture carrier (TVout_Ref), spurious
levels falling into video bandwidth starting from +/-100 KHz from the
picture carrier up to +/-5MHz.
Table 7. Measurement Conditions
Device and Signals Set-up
Measurement Set-up
700mV pk-pk
Frequency
100kHz
Frequency
4.43 MHz
700mVpp
Picture carrier
Chroma/Sound
+1.07MHz
Fo
Intermod.
Sound
+4.43MHz +5.5MHz
carrier
Chroma
carrier
Picture carrier
3rd harmonic
3Fo
Fo
2Fo
2nd harmonic
Picture carrier
Fo*3/2
Fo/2
Fo/4
Fo*3/4
Fo
Spurious
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com