Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS374T1AD-R2 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MC44BS374T1AD-R2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS374T1AD-R2 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MC44BS374T1AD-R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Characterization Measurement Conditions
MC44BS374T1/374T1A Advance Information
Figure 6. Typical Audio Performance
15 Characterization Measurement Conditions
The following list shows the MC44BS374T1/374T1A default configuration unless otherwise specified.
•
Peak White Clip enabled
•
UHF oscillator ON
•
Sound and video modulators ON
•
Sound subcarrier frequency = 5.5 MHz
•
Sound Oscillator ON
•
Logic Output Port LOW
•
Picture-to-sound carrier ratio = 12 dB
•
Test pattern disabled
•
All test mode bits are ‘0’
•
Frequency from channel 21 to 69
RF Inputs / Output into 75ohm Load using a 75 to 50 ohm transformation. Video Input 1Vpp.
Audio pre-emphasis circuit enabled.
FM Audio Weighted Signal to Noise
46
48
50
52
54
56
58
471
521
571
621
671
721
771
821
871
Frequency (Mhz)
Typical
Minimum specification
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com