Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS374T1AD-R2 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MC44BS374T1AD-R2
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS374T1AD-R2 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MC44BS374T1AD-R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC44BS374T1AD-R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
MC44BS374T1/374T1A Advance Information
Modes of Operation
16.10 Sound Section
The oscillator is fully integrated and does not require any external components. An internal low-pass filter
and matched structure provide very low harmonics levels.
The sound modulator system consists of an FM modulator incorporating the sound subcarrier oscillator.
The audio input signal is AC-coupled into the amplifier, which then drives the modulator. The audio pre-
emphasis circuit is a high-pass filter with an external capacitor and an internal resistor ( 106KOhms
typical).
The recommended capacitor value for BG standard (with a time constant of 50
µS) is 470 pF.
The recommended capacitor value for M/N standard (with a time constant of 75
µS) is 750 pF.
To increase the audio bandwidth at low frequencies it is possible to change the sound PLL loop filter. The
recommended values are 220 nF and 22 nF. To increase the bandwidth at low frequencies (lower than 50
Hz) it is possible to use larger loop filter capacitor values. This will give a lower cut off frequency. In this
case it is necessary to calculate the new values of the loop filter according to the required Q factor and loop
bandwidth. This is described in the following figure:
Figure 9. Sound PLL Loop Filter Calculation
Sound PLL loop filter calculation
Loop filter equation :
1
*
*
C
N
Kosc
Kpd
o
=
ω
,
o
C
R
Q
ω
*
1
*
1
=
, with :
ω
o = 3dB cut off frequency
Kpd = 1uA : Phase detector current
Kosc = 5MHz/V : sound oscillator slope (in fact Kosc=40MHz/prescaler divider
=8) This gives 5 MHz/V
N = sound divider ratio
Q = quality factor
C2, added to minimize glitches, is usually set to one tenth the size of C1.
Example :
Fref=31.25KHz
N=5.5MHz / 31.25KHz = 176
Assuming C1= 220 nF, then ωo = 360 rad, and fo= 57Hz
Q depends on the desired frequency response ; Choosing Q = 0.7 as a starting point,
then R= 18 kΩ. The resistance acts directly on the factor quality and can be adjusted to
create peaking on the low frequency range. It is recommended to adjust the value of R
experimentally depending on the application and requirements. In the proposed
application schematic a value of 15 kΩ has been chosen.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com